Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS42MB200TSQ Datasheet(PDF) 5 Page - Texas Instruments

Part # DS42MB200TSQ
Description  DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS42MB200TSQ Datasheet(HTML) 5 Page - Texas Instruments

  DS42MB200TSQ Datasheet HTML 1Page - Texas Instruments DS42MB200TSQ Datasheet HTML 2Page - Texas Instruments DS42MB200TSQ Datasheet HTML 3Page - Texas Instruments DS42MB200TSQ Datasheet HTML 4Page - Texas Instruments DS42MB200TSQ Datasheet HTML 5Page - Texas Instruments DS42MB200TSQ Datasheet HTML 6Page - Texas Instruments DS42MB200TSQ Datasheet HTML 7Page - Texas Instruments DS42MB200TSQ Datasheet HTML 8Page - Texas Instruments DS42MB200TSQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS42MB200
www.ti.com
SNOSAT8G – JANUARY 2006 – REVISED APRIL 2013
Table 1. LOGIC TABLE FOR MULTIPLEX CONTROLS
MUX_S0
Mux Function
0
MUX_0 select switch_B input, SIB_0±.
1 (default)
MUX_0 select switch_A input, SIA_0±.
MUX_S1
Mux Function
0
MUX_1 select switch_B input, SIB_1±.
1 (default)
MUX_1 select switch_A input, SIA_0±.
Table 2. LOGIC TABLE FOR LOOPBACK Controls
LB0A
Loopback Function
0
Enable loopback from SIA_0± to SOA_0±.
1 (default)
Normal mode. Loopback disabled.
LB0B
Loopback Function
0
Enable loopback from SIB_0± to SOB_0±.
1 (default)
Normal mode. Loopback disabled.
LB1A
Loopback Function
0
Enable loopback from SIA_1± to SOA_1±.
1 (default)
Normal mode. Loopback disabled.
LB1B
Loopback Function
0
Enable loopback from SIB_1± to SOB_1±.
1 (default)
Normal mode. Loopback disabled.
Table 3. LINE-SIDE PRE-EMPHASIS CONTROLS
De-Emphasis Level in
Pre-Emphasis Level in mVPP
Pre-Emphasis in dB
Typical FR4 board
PreL_[1:0]
mVPP
(VODB)
(VODPE/VODB)
trace
(VODPE)
0 0
1200
1200
0
10 inches
0 1
1200
850
−3
20 inches
1 0
1200
600
−6
30 inches
1 1
1200
426
−9
40 inches
(default)
Table 4. SWITCH-SIDE PRE-EMPHASIS CONTROLS
De-Emphasis Level in
Pre-Emphasis Level in mVPP
Pre-Emphasis in dB
Typical FR4 board
PreS_[1:0]
mVPP
(VODB)
(VODPE/VODB)
trace
(VODPE)
0 0
1200
1200
0
10 inches
0 1
1200
850
−3
20 inches
1 0
1200
600
−6
30 inches
1 1
1200
426
−9
40 inches
(default)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS42MB200


Similar Part No. - DS42MB200TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS42MB200TSQ/NOPB TI1-DS42MB200TSQ/NOPB Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS42MB200TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com