Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV110APWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV110APWR
Description  POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV110APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV110APWR Datasheet HTML 5Page - Texas Instruments DRV110APWR Datasheet HTML 6Page - Texas Instruments DRV110APWR Datasheet HTML 7Page - Texas Instruments DRV110APWR Datasheet HTML 8Page - Texas Instruments DRV110APWR Datasheet HTML 9Page - Texas Instruments DRV110APWR Datasheet HTML 10Page - Texas Instruments DRV110APWR Datasheet HTML 11Page - Texas Instruments DRV110APWR Datasheet HTML 12Page - Texas Instruments DRV110APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
S,max DC
S
Gate,AVE
V
15V
R
1mA
I
-
=
+
PWM
OSC
OSC
60kHz
f
66.67k
;66.67k
R
2M
R
=
×
W
W <
<
W
DRV110
www.ti.com
SLVSBA8A – MARCH 2012 – REVISED JANUARY 2013
Frequency of the internal PWM clock signal, PWMCLK, that triggers each OUT pin ON-cycle can be adjusted by
external resistor, ROSC, connected between OSC and GND. Frequency as a function of resistor value is shown in
Figure 5. Default frequency is used when OSC is connected to GND directly. PWM frequency as a function of
external fixed adjustment resistor value (greater than 66.67 k
Ω) is given below.
(4)
Figure 5. PWM Clock Frequency Setting
Voltage at the OUT pin, that is the gate voltage of an external switching device, is equal to VIN voltage during
ON-cycle. It is driven to ground during OFF-cycle. VIN voltages below 15 V can be supplied directly from an
external voltage source. Supply voltages of at least 6 V are supported.
DRV110 is able to regulate VIN voltage to 15 V from a higher external supply voltage, VS, by an internal bypass
regulator that replicates the function of an ideal Zener diode. This requires that the supply current is sufficiently
limited by an external resistor between VS and the VIN pin. An external capacitor connected to the VIN pin is
used to store enough energy to charge the external switch gate capacitance at the OUT pin. Current limiting
resistor size to keep quiescent current less than 1 mA can be calculated by Equation 5.
(5)
Open-drain pull-down path at the STATUS pin is deactivated if either under voltage lockout or thermal shutdown
blocks have triggered.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV110


Similar Part No. - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110APWR TI-DRV110APWR Datasheet
785Kb / 17P
[Old version datasheet]   POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110APWR TI1-DRV110APWR Datasheet
1Mb / 24P
[Old version datasheet]   Power-Saving Solenoid Controller
More results

Similar Description - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110 TI-DRV110 Datasheet
785Kb / 17P
[Old version datasheet]   POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
[Old version datasheet]   Power-Saving Solenoid Controller
logo
ON Semiconductor
NCP81038MNTWG ONSEMI-NCP81038MNTWG Datasheet
190Kb / 11P
   Synchronous Buck Controller with Auto Power Saving
October, 2013 ??Rev. P6
logo
Texas Instruments
DRV120 TI1-DRV120_15 Datasheet
1Mb / 23P
[Old version datasheet]   Power-Saving Current Controlled Solenoid Driver
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
271Kb / 28P
   Capacitor Charger Controller with Regulation
logo
Texas Instruments
DRV120 TI1-DRV120 Datasheet
659Kb / 16P
[Old version datasheet]   POWER SAVING CURRENT CONTROLLED SOLENOID DRIVER
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
WAGO Kontakttechnik Gmb...
787-1675 WAGO-787-1675 Datasheet
524Kb / 10P
   Switched-mode power supply with integrated charger and controller
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com