Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV110APWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV110APWR
Description  POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV110APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV110APWR Datasheet HTML 2Page - Texas Instruments DRV110APWR Datasheet HTML 3Page - Texas Instruments DRV110APWR Datasheet HTML 4Page - Texas Instruments DRV110APWR Datasheet HTML 5Page - Texas Instruments DRV110APWR Datasheet HTML 6Page - Texas Instruments DRV110APWR Datasheet HTML 7Page - Texas Instruments DRV110APWR Datasheet HTML 8Page - Texas Instruments DRV110APWR Datasheet HTML 9Page - Texas Instruments DRV110APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DRV110
SLVSBA8A – MARCH 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 14 V, TA = -40°C to 105°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
Standby current
EN = 0, VIN = 14 V, bypass deactivated
200
250
µA
Quiescent current
EN = 1, VIN = 14 V, bypass deactivated
360
570
IQ
EN = 0, IVIN = 2 mA, bypass activated
10.5
15
19
Internally regulated supply
V
EN = 1, IVIN = 2 mA, bypass activated
14.5
15
15.5
GATE DRIVER
VDRV
Gate drive voltage
Supply voltage in regulation (IVIN > 1 mA)
VIN
V
IDRV_SINK
Gate drive sink current
VOUT = 15 V; VIN = 15 V
8
15
mA
IDRV_SOURCE
Gate drive source current
VOUT = GND; VIN = 15 V
-15
-10
mA
fPWM
PWM clock frequency
OSC = GND
15
20
27
kHz
DMAX
Maximum PWM duty cycle
100
%
DMIN
Minimum PWM duty cycle
7.5
%
Delay between EN going high until gate driver
tD
Start-up delay
50
µs
starts switching, fPWM = 20 kHz
CURRENT CONTROLLER, INTERNAL SETTINGS
IPEAK
Peak current
RSENSE = 1 Ω, PEAK = GND
270
300
330
mA
IHOLD
Hold current
RSENSE = 1 Ω, HOLD = GND
40
50
65
mA
CURRENT CONTROLLER, EXTERNAL SETTINGS
Externally set keep time at peak
tKEEP
CKEEP = 1 µF
100
ms
current
RPEAK = 50 kΩ
900
VPEAK
Externally set VPEAK
mV
RPEAK = 200 kΩ
300
RHOLD = 50 kΩ
150
VHOLD
Externally set VHOLD
mV
RHOLD = 200 kΩ
50
ROSC = 50 kΩ
60
fPWM
Externally set PWM clock frequency
kHz
ROSC = 200 kΩ
20
LOGIC INPUT LEVELS (EN)
VIL
Input low level
1.3
V
VIH
Input high level
1.65
V
REN
Input pull-up resistance
350
500
k
Ω
LOGIC OUTPUT LEVELS (STATUS)
VOL
Output low level
Pull-down activated, ISTATUS = 2 mA
0.3
V
IIL
Output leakage current
Pull-down deactivated, V(STATUS) = 5 V
2
µA
UNDERVOLTAGE LOCKOUT
VUVLO
Undervoltage lockout threshold
4.6
V
THERMAL SHUTDOWN
Junction temperature startup
TTSU
140
°C
threshold
Junction temperature shutdown
TTSD
160
°C
threshold
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DRV110


Similar Part No. - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110APWR TI-DRV110APWR Datasheet
785Kb / 17P
[Old version datasheet]   POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110APWR TI1-DRV110APWR Datasheet
1Mb / 24P
[Old version datasheet]   Power-Saving Solenoid Controller
More results

Similar Description - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110 TI-DRV110 Datasheet
785Kb / 17P
[Old version datasheet]   POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
[Old version datasheet]   Power-Saving Solenoid Controller
logo
ON Semiconductor
NCP81038MNTWG ONSEMI-NCP81038MNTWG Datasheet
190Kb / 11P
   Synchronous Buck Controller with Auto Power Saving
October, 2013 ??Rev. P6
logo
Texas Instruments
DRV120 TI1-DRV120_15 Datasheet
1Mb / 23P
[Old version datasheet]   Power-Saving Current Controlled Solenoid Driver
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
271Kb / 28P
   Capacitor Charger Controller with Regulation
logo
Texas Instruments
DRV120 TI1-DRV120 Datasheet
659Kb / 16P
[Old version datasheet]   POWER SAVING CURRENT CONTROLLED SOLENOID DRIVER
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
WAGO Kontakttechnik Gmb...
787-1675 WAGO-787-1675 Datasheet
524Kb / 10P
   Switched-mode power supply with integrated charger and controller
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com