Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82577GBE Datasheet(PDF) 4 Page - Intel Corporation

Part # 82577GBE
Description  Intel짰 82577 GbE PHY Specification Update
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82577GBE Datasheet(HTML) 4 Page - Intel Corporation

  82577GBE Datasheet HTML 1Page - Intel Corporation 82577GBE Datasheet HTML 2Page - Intel Corporation 82577GBE Datasheet HTML 3Page - Intel Corporation 82577GBE Datasheet HTML 4Page - Intel Corporation 82577GBE Datasheet HTML 5Page - Intel Corporation 82577GBE Datasheet HTML 6Page - Intel Corporation 82577GBE Datasheet HTML 7Page - Intel Corporation 82577GBE Datasheet HTML 8Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
82577 Specification Update
4
Table 2. Device IDs
1.3
Nomenclature Used In This Document
This document uses specific terms, codes, and abbreviations to describe changes, errata, sightings
and/or clarifications that apply to silicon/steppings. See Table 3 for a description.
Table 3. Terms, Codes, Abbreviations
Device ID Code
Vendor ID
Device ID
Revision ID
82577LM
0x8086
0x10EA
N/A
82577LC
0x8086
0x10EB
N/A
Name
Description
Specification
Changes
Modifications to the current published specifications. These changes will be incorporated in the next release
of the specifications.
Errata
Design defects or errors. Errata may cause device behavior to deviate from published specifications.
Hardware and software designed to be used with any given stepping must assume that all errata documented
for that stepping are present on all devices.
Specification
Clarifications
Greater detail or further highlights concerning a specification’s impact to a complex design situation. These
clarifications will be incorporated in the next release of the specifications.
Documentation
Changes
Typos, errors, or omissions from the current published specifications. These changes will be incorporated in
the next release of the specifications.
Yes or No
If the errata applies to a stepping, “Yes” is indicated for the stepping (for example: “A0=Yes” indicates errata
applies to stepping A0). If the errata does not apply to stepping, “No” is indicated (for example: “A0=No”
indicates the errata does not apply to stepping A0).
Doc
Document change or update that will be implemented.
Fix
This erratum is intended to be fixed in a future stepping of the component.
Fixed
This erratum has been previously fixed.
NoFix
There are no plans to fix this erratum.
Eval
Plans to fix this erratum are under evaluation.
(No mark) or
(Blank box)
This erratum is fixed in listed stepping or specification change does not apply to listed stepping.
Red Change
Bar/or Bold
This Item is either new or modified from the previous version of the document.
DS
Datasheet
PDG
Platform Design Guide
EDS
External Data Specification


Similar Part No. - 82577GBE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8257 INTEL-8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
82571EB INTEL-82571EB Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
82572EI INTEL-82572EI Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
82573 INTEL-82573 Datasheet
501Kb / 39P
   GbE Controllers
More results

Similar Description - 82577GBE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
836Kb / 34P
   Intel짰 82576EB Gigabit Ethernet Controller Specification Update
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
   Specification Update
82567 INTEL-82567 Datasheet
574Kb / 33P
   GbE Physical Layer Transceiver (PHY)
82583V INTEL-82583V Datasheet
5Mb / 374P
   Intel짰 82583V GbE Controller
82567GBE INTEL-82567GBE Datasheet
614Kb / 33P
   82567 GbE Physical Layer Transceiver (PHY)
82546GB INTEL-82546GB Datasheet
201Kb / 16P
   Gigabit Ethernet Controller Specification Update
QG80331M500SL9BE INTEL-QG80331M500SL9BE Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
QG80333M500SL8CC INTEL-QG80333M500SL8CC Datasheet
525Kb / 48P
   Intel 80333 I/O Processor Specification Update
logo
MediaTek Inc.
MT6625L MEDIATEK-MT6625L Datasheet
673Kb / 36P
   Update BT specification compliant and remove WiFi eLNA support
Version: 0.5 2014-09-19
logo
Advantech Co., Ltd.
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com