Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEBLC08C Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # SEBLC08C
Description  Ultraslow Capacitance TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SEBLC08C Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  SEBLC08C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SEBLC08C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SEBLC08C Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SEBLC08C Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOD-323 Mechanical Data
WILLAS ELECTRONIC CORP.
2013-05
Ultraslow Capacitance TVS Array
SEBLCxx/C
Marking
Type number
Marking code
SEBLC05 / SEBLC05C
SEBLC08C
08C
05 / 05C
SEBLC03 / SEBLC03C
03 / 03C
.075(1.90)
.059(1.50)
.091(2.30)
.106(2.70)
.010(0.25)MIN.
.008(0.20)
.043(1.10)
.031(0.80)
.004(0.10)MAX.
.010(0.25)
.016(0.40)
.004(0.10)
Dimensions in inches and (millimeters)
SEBLC12C
2C
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - SEBLC08C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
More results

Similar Description - SEBLC08C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com