Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR340 Datasheet(PDF) 1 Page - First Components International

Part # SR340
Description  3.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW POWER LOSSHIGH EFFICIENCY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR340 Datasheet(HTML) 1 Page - First Components International

  SR340 Datasheet HTML 1Page - First Components International SR340 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW STORED CHARGE; MAJORITY
CARRIER CONDUCTION
n MEETS UL SPECIFICATION 94V-0
3.0 Amp SCHOTTKY
BARRIER RECTIFIERS
n EXTREMELY LOW V
F
n LOW POWER LOSS — HIGH EFFICIENCY
.285
.375
1.00 Min.
.050 typ.
.190
.210
JEDEC
D0-201AD
Mechanical Dimensions
Data Sheet
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
A
A
V
mA
mA
pF
3.0
80
1.0
30
20
10
-65
+125
-65
+150
-65
+150
0.55
0.70
250
300
SR320 SR330 SR340 SR350 SR360 SR380 SR3100 UNITS
20
30
40
50
60
80
100
V
20
30
40
50
60
80
100
V
14
21
28
35
42
56
70
V
0.70
0.85
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
Typical Thermal Resistance RqJA (Note 2)


Similar Part No. - SR340

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR340 WTE-SR340 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR340 DGNJDZ-SR340 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR340 DGNJDZ-SR340 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR340 SEMTECH_ELEC-SR340 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR340 SHUNYE-SR340 Datasheet
681Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR340

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR4020PT TSC-SR4020PT_13 Datasheet
245Kb / 3P
   40.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
SRT12 TSC-SRT12_13 Datasheet
251Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR10H100CT TSC-MBR10H100CT_13 Datasheet
224Kb / 3P
   10.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR2035CT TSC-MBR2035CT_13 Datasheet
242Kb / 3P
   20.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR735 TSC-MBR735_13 Datasheet
263Kb / 3P
   7.5 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR2535CT TSC-MBR2535CT_13 Datasheet
231Kb / 3P
   25.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
SRAS2020 TSC-SRAS2020_13 Datasheet
256Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers Low power loss, high efficiency
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
248Kb / 2P
   3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
   3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com