Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82US15W Datasheet(PDF) 7 Page - Intel Corporation

Part # 82US15W
Description  Intel짰 System Controller Hub
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82US15W Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82US15W Datasheet HTML 3Page - Intel Corporation 82US15W Datasheet HTML 4Page - Intel Corporation 82US15W Datasheet HTML 5Page - Intel Corporation 82US15W Datasheet HTML 6Page - Intel Corporation 82US15W Datasheet HTML 7Page - Intel Corporation 82US15W Datasheet HTML 8Page - Intel Corporation 82US15W Datasheet HTML 9Page - Intel Corporation 82US15W Datasheet HTML 10Page - Intel Corporation 82US15W Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Summary Tables of Changes
Specification Update
7
Errata
No.
Stepping
Status
Description
D1
D2
1
X
X
No Fix
Audio Pops With High LPC Traffic
2
X
X
No Fix
System Hang With PCIe Upstream Memory Write To FEE00000 With No Data
3
X
X
No Fix
PCIe PLL May Not Power Down In L1 State
4
X
X
No Fix
EHCI Controller—Unable To Mask Wake Events Per Port
5
X
X
No Fix
PCIe Controller Fails To Go Into L1 State In Some Configurations
6
X
X
No Fix
High Definition Audio Does Not Send Interrupts to the CPU using the MSI
7
X
Fixed
Incorrect TPM Access
8
X
Fixed
LPC Prefetch Outside of FWH Region
9
X
X
No Fix
PATA Maximum Slew Rate Specification Violation
10
X
Fixed
USB Client Drops Data Which Causes CRC Errors in Full-Speed Mode
11
X
X
No Fix
System Hang During PCI Configuration Space Access
12
X
Fixed
HD Audio Wall Clock Counter Alias Register
13
X
Fixed
Reads From the HD Audio Wall Clock Counter Return the Same Value
14
X
Plan Fix
SDIO CMD53 Timeout
15
X
Fixed
SDIO Data Buffer Port 20h Read Error
16
X
Fixed
Deadlock Causes Hang Condition Entering L1
17
X
Fixed
Unrecognized USB Device
18
X
Fixed
PCIE PCIHCT WHQL test hang
19
X
X
No Fix
EHCI Controller Hang
20
X
X
No Fix
PCIe Bridge Detects Correctable Errors During Tests
21
X
X
No Fix
HDCTL and FD registers are reset during D3hot to D0 transition
22
X
X
No Fix
High-speed USB 2.0 VHSOH
23
X
X
No Fix
PCIe Hang Due To Link Disconnect
24
X
No Fix
PCI Express* unaligned memory read that crosses DWORD boundary causes data
corruption
25
X
No Fix
USB Client High Speed termination delay to disconnect D+ pull-up resistor
26
X
No Fix
USB audio device underrun/overrun while performing an isochronous transaction
Specification Changes
No.
SPECIFICATION CHANGES
1
There are no specification changes in this revision of the specification update.
Specification Clarifications
No.
SPECIFICATION CLARIFICATIONS
1
Correction to definition of SDIO bit PSTATE.CSS.


Similar Description - 82US15W

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
319537-003US INTEL-319537-003US Datasheet
2Mb / 450P
   Intel System Controller Hub
E7320 INTEL-E7320 Datasheet
170Kb / 22P
   Intel짰 E7320 Memory Controller Hub (MCH)
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
   Intel짰 E7520 Memory Controller Hub (MCH)
E7500 INTEL-E7500 Datasheet
70Kb / 15P
   Intel짰 E7500 Chipset Memory Controller Hub (MCH)
FW82801BASL5PN INTEL-FW82801BASL5PN Datasheet
7Mb / 671P
   Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
FW82801EB-SL73Z INTEL-FW82801EB-SL73Z Datasheet
7Mb / 671P
   Intel짰 82801EB I/O Controller Hub 5 (ICH5) / Intel짰 82801ER I/O Controller Hub 5 R (ICH5R)
NH82801HBSL9MN INTEL-NH82801HBSL9MN Datasheet
4Mb / 890P
   Intel짰 I/O Controller Hub 8 (ICH8) Family
NH82801HO-SL9MM INTEL-NH82801HO-SL9MM Datasheet
4Mb / 890P
   Intel짰 I/O Controller Hub 8 (ICH8) Family
313955 INTEL-313955 Datasheet
1Mb / 38P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
313953-002 INTEL-313953-002 Datasheet
3Mb / 218P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com