Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT164245TPVG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT164245TPVG Datasheet(HTML) 6 Page - Integrated Device Technology

  74FCT164245TPVG Datasheet HTML 1Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 2Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 3Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 4Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 5Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 6Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 7Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
1.5
5
ns
tPHL
A to B
RL = 500
Ω
tPLH
Propagation Delay
1.5
5
ns
tPHL
B to A
tPZH
Output Enable Time
1.5
6.5
ns
tPZL
x
OE to B
tPHZ
Output Disable Time
1.5
6
ns
tPLZ
x
OE to B
tPZH
Output Enable Time
1.5
6.5
ns
tPZL
x
OE to A
tPHZ
Output Disable Time
1.5
6
ns
tPLZ
x
OE to A
tPZH
Output Enable Time
1.5
6.5
ns
tPZL
xDIR to B(3)
tPHZ
Output Disable Time
1.5
6
ns
tPLZ
xDIR to B(3)
tPZH
Output Enable Time
1.5
6.5
ns
tPZL
xDIR to A(3)
tPHZ
Output Disable Time
1.5
6
ns
tPLZ
xDIR to A(3)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.


Similar Part No. - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT164245TPVG RENESAS-74FCT164245TPVG Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
74FCT164245TPVG8 RENESAS-74FCT164245TPVG8 Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
More results

Similar Description - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
   Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com