Electronic Components Datasheet Search |
|
74FCT164245TPVG Datasheet(PDF) 5 Page - Integrated Device Technology |
|
74FCT164245TPVG Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 8 page 5 IDT74FCT164245T FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR INDUSTRIALTEMPERATURERANGE Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit ΔICC Quiescent Power Supply Current VCC1 = Max., VCC2 = Max. — 12 30 µ A TTL Inputs HIGH VIN = VCC2 - 0.6V(3) ICCD Dynamic Power Supply VCC1 = Max., VCC2 = Max. VIN = VCC2 — 75 120 µA/ Current(4) Outputs Open VIN = GND MHz x OE = xDIR = GND One Input Togging 50% Duty Cycle IC Total Power Supply Current(6) VCC1 = Max., VCC2 = Max. VIN = VCC2 - 0.6V — 1.2 4.7 mA Outputs Open VIN = GND fI = 10MHz 50% Duty Cycle x OE = xDIR = GND One Bit Toggling VCC1 = Max., VCC2 = Max. VIN = VCC2 - 0.6V — 3.5 8.5(5) Outputs Open VIN = GND fI = 2.5MHz 50% Duty Cycle x OE = xDIR = GND Sixteen Bits Toggling POWER SUPPLY CHARACTERISTICS NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC1 = 5V, VCC2 = 3.3V, +25°C ambient. 3. Per TTL driven input. All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC1 + ICC2 + ΔICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC1 = Quiescent Current (ICC1L, ICC1H and ICC1Z) ICC2 = Quiescent Current (ICC2L, ICC2H and ICC2Z) ΔICC = Power Supply Current for a TTL High Input DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi |
Similar Part No. - 74FCT164245TPVG |
|
Similar Description - 74FCT164245TPVG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |