Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT164245TPVG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT164245TPVG Datasheet(HTML) 3 Page - Integrated Device Technology

  74FCT164245TPVG Datasheet HTML 1Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 2Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 3Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 4Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 5Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 6Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 7Page - Integrated Device Technology 74FCT164245TPVG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input and I/O pins)
Guaranteed Logic HIGH Level
2
5.5
V
VIL
Input LOW Level (Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current (Input pins)
VCC1 = Max.
VI = 5.5V
±5
Input HIGH Current (I/O pins)
VCC2 = Max.
VI = VCC2
——
±15
µ A
IIL
Input LOW Current (Input pins)
VI = GND
±5
Input LOW Current (I/O pins)
VI = GND
±15
VIK
Clamp Diode Voltage
VCC2 = Min., IIN = –18mA
–0.7
–1.2
V
VOH
Output HIGH Voltage
VCC1 = VCC2 = Min.
IOH = –0.1mA
VCC2 –0.2
V
VIN = VIH or VIL
VCC2 = 3V
IOH = –8mA
2.4
3
VIN = VIH or VIL
VOL
Output LOW Voltage
VCC1 = Min.
IOL = 0.1mA
0.2
V
VCC2 = Min.
IOL = 16mA
0.2
0.4
VIN = VIH or VIL
IOL = 24mA
0.3
0.55
VCC = 3V
IOL = 24mA
0.3
0.5
VIN = VIH or VIL
IOFF
Input/Output Power Off Leakage
VCC1 = 0V, VCC2 = 0V, VIN or VO
≤ 4.5V
±100
µ A
IOS
Short Circuit Current(4)
VCC1 = Max., VCC2 = Max., VO = GND(3)
–70
–105
–150
mA
IO
Output Drive Current
VCC1 = Max., VCC2 = Max., VO = 1.5V(3)
–40
–60
–90
mA
VH
Input Hysteresis
150
mV
ICC2
Quiescent Power Supply Current
VCC1 = Max.
0.35
2
mA
ICC2H
VCC2 = Max.
ICC2Z
VIN = GND or VCC2
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (A PORT, 3.3V)
Following Conditions Apply Unless Otherwise Specified:
VCC1 = 5V ±10%, VCC2 = 2.7V to 3.6V, Industrial: TA = –40°C to +85°C
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC1 = 5V, VCC2 = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.


Similar Part No. - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT164245TPVG RENESAS-74FCT164245TPVG Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
74FCT164245TPVG8 RENESAS-74FCT164245TPVG8 Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
More results

Similar Description - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
   Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com