Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVA1603 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TVA1603
Description  Aluminum Capacitors 85 C, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVA1603 Datasheet(HTML) 4 Page - Vishay Siliconix

  TVA1603 Datasheet HTML 1Page - Vishay Siliconix TVA1603 Datasheet HTML 2Page - Vishay Siliconix TVA1603 Datasheet HTML 3Page - Vishay Siliconix TVA1603 Datasheet HTML 4Page - Vishay Siliconix TVA1603 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVA ATOM®
www.vishay.com
Vishay Sprague
Revision: 16-Apr-13
4
Document Number: 42038
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SINGLE UNITS (POLARIZED)
450 WVDC
1.0
DC
TVA1700
18
2.0
DF
TVA1701
18
4.0
EH
TVA1702
18
5.0
EH
TVA1703
18
8.0
FK
TVA1704
18
10.0
GK
TVA1705
18
12.0
GK
TVA1706
18
20.0
HJ
TVA1709
20
30.0
HK
TVA1711
20
40.0
HL
TVA1712
20
50.0
KL
TVA1713
20
100.0
LS
TVA1718
20
60.0
KL
TVA1714
20
80.0
JP
TVA1716
20
475 WVDC
16.0
HJ
TVA1803.1
20
500 WVDC
20.0
HL
TVA1906
20
40.0
JN
TVA1908
20
30.0
JJ
TVA1907
20
600 WVDC
10.0
JR
TVA1963
20
20.0
JW
TVA1966
20
NON-POLARIZED
10 WVDC
50.0
CB
TVAN1117
18
25 WVDC
10.0
BB
TVAN1204.1
18
16.0
BB
TVAN1204.3
18
25.0
CB
TVAN1205.1
18
50.0
CC
TVAN1206.1
18
100.0
DD
TVAN1207.1
18
30 WVDC
20.0
CB
TVAN1220
18
50 WVDC
2.0
BA
TVAN1301.1
18
3.0
BA
TVAN1302.1
18
5.0
BB
TVAN1303.1
18
8.0
BB
TVAN1303.4
18
10.0
CB
TVAN1304.1
18
25.0
DC
TVAN1306.1
18
50.0
DD
TVAN1308.1
18
100.0
DH
TVAN1310.1
18
100 WVDC
10.0
EJ
TVAN1333
18
20.0
FJ
TVAN1335
18
200 WVDC
60.0
JP
TVAN1440
20
300 WVDC
1.0
EG
TVAN1560
18
350 WVDC
5.0
GJ
TVAN1602
18
400 WVDC
20.0
JL
TVAN1652
20
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
LEAD DIAMETER (AWG)
Note
(1) For other capacitance and voltage ratings, please see types 500D and 53D.


Similar Part No. - TVA1603

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA120RSA-L MACOM-TVA120RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA130RSA-L MACOM-TVA130RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
logo
Vishay Siliconix
TVA1700 VISHAY-TVA1700 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVA1701 VISHAY-TVA1701 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVA1702 VISHAY-TVA1702 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
More results

Similar Description - TVA1603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com