Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROCHESTER1 Datasheet(PDF) 4 Page - Rochester Electronics

Part # ROCHESTER1
Description  A Rochester Electronics White Paper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER1 Datasheet(HTML) 4 Page - Rochester Electronics

  ROCHESTER1 Datasheet HTML 1Page - Rochester Electronics ROCHESTER1 Datasheet HTML 2Page - Rochester Electronics ROCHESTER1 Datasheet HTML 3Page - Rochester Electronics ROCHESTER1 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RoHS Compliancy in the Medical Equipment Supply Chain by 2014
© Copyright Rochester Electronics
Page 4
February 2013
Conclusion
Rochester Electronics has contractual agreements with more than 60 manufacturers including Texas
Instruments, Intel, AMD, Analog Devices, and Fairchild. With these contracts in place, it allows Rochester
Electronics the ability to manufacture devices in the required package type, whether leaded, or RoHS compliant.
All components are 100% manufacturer traceable and certified, with a product offering that includes more than
300,000 Rochester-manufactured device types, from commercial to space-level. In addition, as a fully authorized
source, Rochester Electronics alleviates any concern of counterfeit devices. As the medical industry transitions
to RoHS compliancy, there is a growing concern that unauthorized devices may be marked as RoHS compliant
when they are not manufactured as such. Rochester Electronics can help company’s decrease the amount of
uncertainty they will face with the conversion from leaded to RoHS. By offering complete solutions for both
leaded and lead-free components, the original equipment manufacturers of medical systems are assured of
completed compliance, uninterrupted supply, and guaranteed authentic product.
For more information on the RoHS policies and trends, go to http://www.cocir.org/ for information on how the
counterfeit components being sold on the open/gray market can affect you, go to
www.AuthorizedDirectory.com .
About Rochester Electronics, LLC
Rochester Electronics is the world’s most comprehensive solution for mature and end-of-life semiconductors.
Authorized by more than 60 leading semiconductor manufacturers, Rochester acquires all remaining finished
devices, wafer/die, and available intellectual property in order to manufacture the exact same device and
provide a reliable, continuing source of semiconductors used in critical systems worldwide — in any quantity
and for as long as needed. All components are 100% manufacturer traceable and certified. Rochester’s product
offering includes 300,000+ Rochester-manufactured device types, from commercial to space-level; complete,
authorized device re-creation, as well as billions of die and finished devices, in stock and ready to ship.
Rochester is certified to ISO-9001:2008 and QML MIL-PRF-38535, as well as AS9120. Rochester is privately held.
Sales offices are located throughout the United States, Europe, and Asia. Visit www.rocelec.com to check
inventory and read about our line-up of capabilities.


Similar Part No. - ROCHESTER1

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ROCHESTER2 ROCHESTER-ROCHESTER2 Datasheet
1Mb / 5P
   A Rochester Electronics White Paper
ROCHESTER3 ROCHESTER-ROCHESTER3 Datasheet
1Mb / 4P
   A Rochester Electronics White Paper
ROCHESTER4 ROCHESTER-ROCHESTER4 Datasheet
1Mb / 7P
   A Rochester Electronics White Paper
ROCHESTER5 ROCHESTER-ROCHESTER5 Datasheet
1Mb / 15P
   A Rochester Electronics White Paper
More results

Similar Description - ROCHESTER1

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ROCHESTER2 ROCHESTER-ROCHESTER2 Datasheet
1Mb / 5P
   A Rochester Electronics White Paper
ROCHESTER3 ROCHESTER-ROCHESTER3 Datasheet
1Mb / 4P
   A Rochester Electronics White Paper
ROCHESTER4 ROCHESTER-ROCHESTER4 Datasheet
1Mb / 7P
   A Rochester Electronics White Paper
ROCHESTER5 ROCHESTER-ROCHESTER5 Datasheet
1Mb / 15P
   A Rochester Electronics White Paper
logo
KODENSHI_AUK CORP.
KPS1004C KODENSHI-KPS1004C Datasheet
176Kb / 3P
   Paper Sensor
KPS1001C KODENSHI-KPS1001C Datasheet
172Kb / 3P
   Paper Sensor
KPS1003C KODENSHI-KPS1003C Datasheet
173Kb / 3P
   Paper Sensor
KPS1002C KODENSHI-KPS1002C Datasheet
172Kb / 3P
   Paper Sensor
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
   Especially suited for applications white goods consumer electronics, etc.
logo
Murata Manufacturing Co...
GRM1555C1H180JA01 MURATA-GRM1555C1H180JA01 Datasheet
98Kb / 2P
   180mm Paper taping 10000 330mm Paper taping 50000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com