Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP30A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TIP30A
Description  High Power Bipolar Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP30A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TIP30A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP30A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP30A Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP30A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Power Bipolar Transistors
Tip Series
Page <3>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Characteristic
Symbol
Minimum
Maximum
Unit
Dynamic Characteristics
Current Gain-Bandwidth Product (2)
(IC = 200 mA, VCE = 10 V, f = 1 MHz)
fT
3
-
MHz
Small Signal Current Gain
(IC = 200 mA, VCE = 10 V, f = 1 kHz)
hfe
20
-
-
(1) Pulse Test: Pulse Width
≤300 µs, Duty Cycle ≤2%
(2) fT = | hFE | • fTest
Figure - 2 Turn-On Time
IC, Collector Current (A)
Figure - 3 Switching Time Equivalent Circuit
RB and RC Varied to Obtain Desired Current Levels
Figure - 4 DC Current Gain
IC, Collector Current (A)
Figure - 5 Turn-Off Time
IC, Collector Current (A)


Similar Part No. - TIP30A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30A MOSPEC-TIP30A Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Savantic, Inc.
TIP30A SAVANTIC-TIP30A Datasheet
105Kb / 3P
   Silicon PNP Power Transistors
logo
Power Innovations Ltd
TIP30A POINN-TIP30A Datasheet
85Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP30A CENTRAL-TIP30A Datasheet
351Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30A FAIRCHILD-TIP30A Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
More results

Similar Description - TIP30A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
   Bipolar Power Transistors
September, 2010 ??Rev. 5
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
   Bipolar Power Transistors
September, 2010 -- Rev. 1
logo
List of Unclassifed Man...
2SC2818 ETC1-2SC2818 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
   Bipolar Power Transistors
MMJT9435 MOTOROLA-MMJT9435 Datasheet
94Kb / 4P
   Bipolar Power Transistors
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
   Bipolar Power Transistors
October, 2003 ??Rev. 1
NJT4031N ONSEMI-NJT4031N_10 Datasheet
110Kb / 6P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com