Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVA1318.7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TVA1318.7
Description  Aluminum Capacitors 85 C, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVA1318.7 Datasheet(HTML) 3 Page - Vishay Siliconix

  TVA1318.7 Datasheet HTML 1Page - Vishay Siliconix TVA1318.7 Datasheet HTML 2Page - Vishay Siliconix TVA1318.7 Datasheet HTML 3Page - Vishay Siliconix TVA1318.7 Datasheet HTML 4Page - Vishay Siliconix TVA1318.7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TVA ATOM®
www.vishay.com
Vishay Sprague
Revision: 16-Apr-13
3
Document Number: 42038
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SINGLE UNITS (POLARIZED)
50 WVDC
1500.0
HL
TVA1318
20
2000.0
KL
TVA1318.2
20
2500.0
KP
TVA1318.3
20
3000.0
LP
TVA1318.4
20
5000.0
MS
TVA1318.7
20
63 WVDC
1.0
BA
TVA1319.10
18
100 WVDC
10.0
CB
TVA1337
18
50.0
DF
TVA1343
18
100.0
EH
TVA1346
18
250.0
GK
TVA1349
18
500.0
KL
TVA1376
20
150 WVDC
1.0
BA
TVA1400
18
2.0
BB
TVA1400.1
18
4.0
CC
TVA1402
18
5.0
CC
TVA1403
18
8.0
DC
TVA1405
18
10.0
DC
TVA1406
18
16.0
DD
TVA1409
18
20.0
DF
TVA1410
18
25.0
DF
TVA1411
18
30.0
EF
TVA1412
18
40.0
EH
TVA1413
18
50.0
EH
TVA1414
18
80.0
GK
TVA1418
18
100.0
GK
TVA1420
18
150.0
HL
TVA1422
20
200.0
JL
TVA1423
20
300.0
KP
TVA1425
20
200 WVDC
3.0
CC
TVA1436
18
5.0
DC
TVA1438
18
10.0
DD
TVA1441
18
20.0
EF
TVA1442.1
18
100.0
HL
TVA1445
20
250 WVDC
4.0
DC
TVA1501
18
10.0
DF
TVA1504
18
12.0
EF
TVA1505
18
20.0
EH
TVA1508
18
30.0
GH
TVA1510
18
40.0
GK
TVA1511
18
50.0
HG
TVA1512
20
60.0
HJ
TVA1513
20
100.0
JK
TVA1522
20
300 WVDC
1.0
CB
TVA1540
18
350 WVDC
3.0
DD
TVA1600.1
18
4.0
DF
TVA1601
18
5.0
DF
TVA1602.5
18
8.0
EH
TVA1603
18
10.0
EH
TVA1604
18
15.0
FK
TVA1607
18
20.0
GK
TVA1608
18
60.0
HL
TVA1613
20
100.0
JP
TVA1620
20
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
LEAD DIAMETER (AWG)
Note
(1) For other capacitance and voltage ratings, please see types 500D and 53D.


Similar Part No. - TVA1318.7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA130RSA-L MACOM-TVA130RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
More results

Similar Description - TVA1318.7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com