Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB6P25 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQB6P25
Description  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB6P25 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQB6P25 Datasheet HTML 1Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 2Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 3Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 4Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 5Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 6Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 7Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 8Page - Fairchild Semiconductor FQB6P25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
Package Dimensions
10.00
±0.20
10.00
±0.20
(8.00)
(4.40)
1.27
±0.10
0.80
±0.10
0.80
±0.10
(2XR0.45)
9.90
±0.20
4.50
±0.20
0.10
±0.15
2.40
±0.20
~3
°
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05
D2PAK


Similar Part No. - FQB6P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB60N03L FAIRCHILD-FQB60N03L Datasheet
238Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
logo
Inchange Semiconductor ...
FQB60N03L ISC-FQB60N03L Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
logo
Fairchild Semiconductor
FQB630 FAIRCHILD-FQB630 Datasheet
759Kb / 9P
   200V N-Channel MOSFET
FQB65N06 FAIRCHILD-FQB65N06 Datasheet
668Kb / 9P
   60V N-Channel MOSFET
FQB65N06 FAIRCHILD-FQB65N06 Datasheet
673Kb / 9P
   60V N-Channel MOSFET
More results

Similar Description - FQB6P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com