Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS53YJ504MR10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS53YJ504MR10
Description  Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS53YJ504MR10 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS53YJ504MR10 Datasheet HTML 1Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 2Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 3Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 4Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51008
20
Revision: 22-Dec-08
TS53
Vishay Sfernice
Surface Mount Miniature Trimmers
Single-Turn Cermet Sealed
MARKING
VISHAY trademark, ohmic value, manufacturing date.
The ohmic value is indicated by a 3 figure code, the first two
are significant figures, the third one is the multiplier.
Example:
100 = 10 Ω
101 = 100 Ω
102 = 1000 Ω
503 = 50 000 Ω
SOLDERING RECOMMENDATIONS
See Application notes
CAUTION
Reflow soldering must be done within 72 h while stored
under a max. temperature of 30 °C, 60 % RH after opening
the dry pack envelope.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the hermetic
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are not
available:
• Storage temperature 10 °C to 30 °C
• Storage humidity ≤ 60 % RH max.
After more than 72 h under these conditions, moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to the
former condition by drying under the following condition:
192 h at 40 °C + 5 °C/- 0 °C and < 5 % RH (dry air/nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
(not suitable for reel) or
24 h at 125 °C + 5 °C (not suitable for reel)
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90'/30' - ambient temperature + 70 °C
± 2 %
± 3 %
Contact resistance variation:
ΔR < 1 % Rn
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
Long Term Damp Heat
Temperature 40 °C - RH 93 %
56 days
± 2 %
± 3 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
Ω
Thermal Shock
55 °C to + 125 °C - 5 cycles
± 1 %
ΔV1-2
V1-3
≤ ± 2 %
Rotational Life (Electrical and Mechanical)
100 cycles - rated power
± (3 % + 5
Ω)
Shock
50 g - 11 ms
3 successive shocks in 3 directions
± 1 %
ΔV1-2
V1-3
≤ ± 1 %
Vibration
10 - 55 Hz
0.75 mm or 10 g - 6 hours
± 1 %
ΔV1-2
V1-3
≤ ± 1 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
Ω
WV
mA
ppm/°C
10
20
50
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1M
0.25
0.25
0.20
0.08
0.04
1.58
2.24
3.54
5.00
7.07
11.2
15.8
22.4
35.4
50.0
70.7
112
158
200
200
200
158
112
71
50
35
22
16
11
7
5
3.5
2.2
1.6
1.0
0.4
0.2
± 100


Similar Part No. - TS53YJ504MR10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53YJ504MR10 VISHAY-TS53YJ504MR10 Datasheet
117Kb / 6P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
01-Jan-2022
More results

Similar Description - TS53YJ504MR10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
   Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
Revision: 09-Nov-06
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com