Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS53YJ504MR10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS53YJ504MR10
Description  Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS53YJ504MR10 Datasheet(HTML) 2 Page - Vishay Siliconix

  TS53YJ504MR10 Datasheet HTML 1Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 2Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 3Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 4Page - Vishay Siliconix TS53YJ504MR10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 51008
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 22-Dec-08
19
TS53
Surface Mount Miniature Trimmers
Single-Turn Cermet Sealed
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
220° ± 15°
Resistance Range
10
Ω to 1 MΩ
Standard Series
1 - 2 - 5
Tolerance Standard
± 20 %
Variation Law
linear
Power Rating
0.25 W at 70 °C
Temperature Coefficient
See Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
200 V
Contact Resistance Variation
1 % or 3
Ω
End Resistance (Typical)
0.1 % or 3
Ω
Dielectric Strength (RMS)
1000 V
Insulation Resistance
1 G
Ω
MECHANICAL SPECIFICATIONS
Mechanical Travel
270° ± 10°
Operating Torque (max. Ncm)
1.5
End Stop Torque (max. Ncm)
3.5
Net Weight (max. g)
0.15
Terminals
Pure Sn (e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/56
Sealing
Sealed container IP67
MSL Level
4
a
(1)
b
(2)
c
(3)
cw
CIRCUIT DIAGRAM
0
20
40
60
100
120
140
155
70
0.05
0
0.10
0.15
0.20
0.25
AMBIENT TEMPERATURE IN °C


Similar Part No. - TS53YJ504MR10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53YJ504MR10 VISHAY-TS53YJ504MR10 Datasheet
117Kb / 6P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
01-Jan-2022
More results

Similar Description - TS53YJ504MR10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
   Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
Revision: 09-Nov-06
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com