Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80011181049 Datasheet(PDF) 1 Page - 3M Electronics

Part # 80011181049
Description  1181 Tape Copper Foil with Conductive Adhesive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

80011181049 Datasheet(HTML) 1 Page - 3M Electronics

  80011181049 Datasheet HTML 1Page - 3M Electronics 80011181049 Datasheet HTML 2Page - 3M Electronics 80011181049 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1181 Tape
Copper Foil with Conductive Adhesive
Data Sheet
Product Description
3M
™ 1181 Tape consists of a 1-ounce deadsoft
copper foil backing and a unique electrically
conductive pressure-sensitive acrylic adhesive.
•Deadsoft 1-ounce copper foil backing
•Conductive acrylic adhesive
•Supplied on a removable liner for easy handling and
diecutting
Like all 3M shielding tapes, 3M 1181 is available in
standard and custom widths and lengths. Standard
length is 18 yards.
•Widths from 1/4” to 23”
•Longer lengths up to several times normal length,
dependent upon width. Check with Customer
Service.
Applications
3M 1181Tape is typically used for applications
requiring excellent electrical conductivity from the
application substrate through the adhesive to the foil
backing. Common uses include grounding and EMI
shielding in equipment, components, shielded rooms,
etc. The copper foil backing is solderable and resists
oxidation and discoloration.
Shielding Effectiveness
Many factors determine the true shielding
effectiveness of a shielding tape, including type and
thickness of foil, adhesive type, intimacy of contact,
smoothness of application surface, strength and
frequency of the EMI signal, etc. However, using
standard tests and fixtures, it is possible to determine
a value for the attenuation.
For 3M 1181 Tape, typical shielding effectiveness
(far field) is in the range of 60dB to 80dB (30 MHz
to 1 GHz).
Properties
Typical Values
Backing thickness
1
1.4 mil (0,04mm)
Total thickness (backing plus adhesive)
2
2.6 mil (.066mm)
Breaking strength
1
25 lb./in (44 N/10mm)
Adhesion to steel
1
35 oz/in (3,8 N/10mm)
Electrical resistance through adhesive
2
0.005 ohm
Flame retardancy
3
Pass
* Footnote: 1. Test method ASTM D 1000
2. MIL-STD-202 Method 3 07 maintained at 5 psi (3,4 N/cm
2) measured over 1 in2 surface area. Conductive particles in the adhesive
provide the electrical path between the application substrate and the foil backing.
3. UL-recognized for flame retardancy per UL 510, Product Category 0ANZ2, File E17385.


Similar Part No. - 80011181049

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8001 FILTRAN-8001 Datasheet
200Kb / 1P
   T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
List of Unclassifed Man...
8001 ETC2-8001 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
8001-05-00 ETC1-8001-05-00 Datasheet
94Kb / 2P
   8000 SERIES / DIP REED RELAYS
logo
Coto Technology
8001-05-001 COTO-8001-05-001 Datasheet
354Kb / 2P
   DIP Reed Relays
More results

Similar Description - 80011181049

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1181 3M-1181 Datasheet
107Kb / 2P
   Copper Foil with Conductive Adhesive
1183 3M-1183 Datasheet
66Kb / 2P
   Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
3313 3M-3313 Datasheet
29Kb / 2P
   Conductive Copper Foil Tape
1170 3M-1170 Datasheet
107Kb / 2P
   Aluminum Foil with Conductive Adhesive
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
   Copper Foil with Acrylic Adhesive
1194 3M-1194 Datasheet
21Kb / 2P
   Copper Foil with Nonconductive Adhesive
1998
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
   Aluminum Foil with Conductive Acrylic Adhesive
2004
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
   Aluminum Foil with Conductive Acrylic Adhesive
2003
33316 3M-33316 Datasheet
29Kb / 2P
   Electrically Conductive Tinned Copper Foil
3325 3M-3325 Datasheet
29Kb / 2P
   1.5 Mil Copper Foil Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com