Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI6N15 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI6N15
Description  150V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI6N15 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI6N15 Datasheet HTML 1Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 2Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 3Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 4Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 5Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 6Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 7Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 8Page - Fairchild Semiconductor FQI6N15 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  


QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
 !     
       $ !  
   

% & '()*+,-.+ &Ω/,.)+,
% 0 1 & *2
% 01 3 &2
%  
% )++4! 
% 5!!$ " 
% )6*°78 
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
  
    
    




,
 , 
)*+
,
5

1.9*:2
& '
(
1.)++:2
' *
(
5

; 
 
9* &
(
,
< , 
±9*
,
=
 ; (! =
 
&*
>
5
(! 
 
& '
(
=
-!(! =
 
& ?
>
!$
;@- !!$
 
* *
,$
;
;1.9*:2A
? 6*
B
;1.9*:2
&?
B
"!9*:
+ '9
B$:
 
-
**C)6*
:

7  
)$D * 
?++
:





-θ 
 - > 

9 '
:B
 - > ("A

'+
:B
 - > ("

&9 *
:B
       







 






Similar Part No. - FQI6N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI6N25 FAIRCHILD-FQI6N25 Datasheet
738Kb / 9P
   250V N-Channel MOSFET
FQI6N40 FAIRCHILD-FQI6N40 Datasheet
761Kb / 9P
   400V N-Channel MOSFET
FQI6N40C FAIRCHILD-FQI6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQI6N45 FAIRCHILD-FQI6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
FQI6N50 FAIRCHILD-FQI6N50 Datasheet
762Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQI6N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com