Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031CDR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031CDR
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031CDR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4031CDR Datasheet HTML 21Page - Texas Instruments THS4031CDR Datasheet HTML 22Page - Texas Instruments THS4031CDR Datasheet HTML 23Page - Texas Instruments THS4031CDR Datasheet HTML 24Page - Texas Instruments THS4031CDR Datasheet HTML 25Page - Texas Instruments THS4031CDR Datasheet HTML 26Page - Texas Instruments THS4031CDR Datasheet HTML 27Page - Texas Instruments THS4031CDR Datasheet HTML 28Page - Texas Instruments THS4031CDR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
+
_
THS403x
CLOAD
360
Input
Output
360
20
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
DRIVING A CAPACITIVE LOAD
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS403x has been internally compensated to maximize its bandwidth and
slew-rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the phase margin of the device leading to high-frequency ringing or oscillations. Therefore,
for capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 55. A minimum value of 20
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 55. Driving a Capacitive Load
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS4031 THS4032


Similar Part No. - THS4031CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI1-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4031CDRG4 TI-THS4031CDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDRG4 TI1-THS4031CDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com