Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031CDR
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031CDR Datasheet(HTML) 2 Page - Texas Instruments

  THS4031CDR Datasheet HTML 1Page - Texas Instruments THS4031CDR Datasheet HTML 2Page - Texas Instruments THS4031CDR Datasheet HTML 3Page - Texas Instruments THS4031CDR Datasheet HTML 4Page - Texas Instruments THS4031CDR Datasheet HTML 5Page - Texas Instruments THS4031CDR Datasheet HTML 6Page - Texas Instruments THS4031CDR Datasheet HTML 7Page - Texas Instruments THS4031CDR Datasheet HTML 8Page - Texas Instruments THS4031CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Vn
In
1
10
100
1 k
10
f − Frequency − Hz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
20
10 k
100 k
VCC = ± 15 V AND ± 5 V
TA = 25°C
THS4031
THS4032
SLOS224G – JULY 1999 – REVISED MARCH 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
NUMBER OF
EVALUATION
PLASTIC
PLASTIC MSOP(2)(DGN)(3)
TA
CERAMIC DIP
CHIP CARRIER
CHANNELS
MODULE
SMALL
(JG)
(FK)
DEVICE
SYMBOL
OUTLINE(2) (D)
1
THS4031CD
THS4031CDGN
TIACM
THS4031EVM
0°C to 70°C
2
THS4032CD
THS4032CDGN
TIABD
THS4032EVM
1
THS4031ID
THS4031IDGN
TIACN
–40°C to 85°C
2
THS4032ID
THS4032IDGN
TIABG
–55°C to 125°C
1
THS4031MJG
THS4031MFK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (that is, THS4031CDGNR).
(3)
The PowerPAD™ on the underside of the DGN package is electrically isolated from all other pins and active circuitry. Connection to the
PCB ground plane is recommended, although not required, as this copper plane is typically the largest copper plane on the PCB.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4031 THS4032


Similar Part No. - THS4031CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI1-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4031CDRG4 TI-THS4031CDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDRG4 TI1-THS4031CDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com