Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6T47AY Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMA6T47AY
Description  Automotive 600 W Transil??in SMA package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T47AY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMA6T47AY Datasheet HTML 3Page - STMicroelectronics SMA6T47AY Datasheet HTML 4Page - STMicroelectronics SMA6T47AY Datasheet HTML 5Page - STMicroelectronics SMA6T47AY Datasheet HTML 6Page - STMicroelectronics SMA6T47AY Datasheet HTML 7Page - STMicroelectronics SMA6T47AY Datasheet HTML 8Page - STMicroelectronics SMA6T47AY Datasheet HTML 9Page - STMicroelectronics SMA6T47AY Datasheet HTML 10Page - STMicroelectronics SMA6T47AY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
SMA6TY
10/11
Doc ID 17869 Rev 3
5
Ordering information
6
Revision history
Table 4.
Marking
Order code
Marking
Order code
Marking
SMA6T6V7AY
6UAY
SMA6T6V7CAY
6BAY
SMA6T7V6AY
6UCY
SMA6T7V6CAY
6BCY
SMA6T10AY
6UDY
SMA6T10CAY
6BDY
SMA6T12AY
6UEY
SMA6T12CAY
6BEY
SMA6T14AY
6UFY
SMA6T14CAY
6BFY
SMA6T15AY
6UGY
SMA6T15CAY
6BGY
SMA6T18AY
6UHY
SMA6T18CAY
6BHY
SMA6T22AY
6UJY
SMA6T22CAY
6BJY
SMA6T24AY
6UKY
SMA6T24CAY
6BKY
SMA6T28AY
6UMY
SMA6T28CAY
6BMY
SMA6T30AY
6UNY
SMA6T30CAY
6BNY
SMA6T33AY
6UOY
SMA6T33CAY
6BOY
SMA6T39AY
6UQY
SMA6T39CAY
6BQY
SMA6T47AY
6URY
SMA6T47CAY
6BRY
SMA6T56AY
6USY
SMA6T56CAY
6BSY
SMA6T68AY
6UTY
SMA6T68CAY
6BTY
SMA6T82AY
6UUY
SMA6T82CAY
6BUY
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SMA6TxxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4
SMA
0.072 g
5000
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
30-Aug-2010
1
Initial release.
17-Oct-2011
2
Deleted old Table 2. Thermal parameter. Updated Table 2 and order
codes in Table 2 and Table 4. Updated Figure 5, 10 and 11.
27-Mar-2012
3
Added footnote on page 1.


Similar Part No. - SMA6T47AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T47AY STMICROELECTRONICS-SMA6T47AY Datasheet
644Kb / 13P
   Automotive 600 W TVS in SMA
Rev 8 - October 2020
SMA6T47AYCAY STMICROELECTRONICS-SMA6T47AYCAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results

Similar Description - SMA6T47AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
SMA6TY STMICROELECTRONICS-SMA6TY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com