Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC824BSZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC824BSZ
Description  MicroConverter짰, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC824BSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC824BSZ Datasheet HTML 6Page - Analog Devices ADUC824BSZ Datasheet HTML 7Page - Analog Devices ADUC824BSZ Datasheet HTML 8Page - Analog Devices ADUC824BSZ Datasheet HTML 9Page - Analog Devices ADUC824BSZ Datasheet HTML 10Page - Analog Devices ADUC824BSZ Datasheet HTML 11Page - Analog Devices ADUC824BSZ Datasheet HTML 12Page - Analog Devices ADUC824BSZ Datasheet HTML 13Page - Analog Devices ADUC824BSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
REV. B
ADuC824
–10–
12.58 MHz Core_Clk
Variable Core_Clk
Parameter
Min
Max
Min
Max
Unit
Figure
EXTERNAL DATA MEMORY READ CYCLE
tRLRH
RD Pulsewidth
377
6tCORE – 100
ns
4
tAVLL
Address Valid after ALE Low
39
tCORE – 40
ns
4
tLLAX
Address Hold after ALE Low
44
tCORE – 35
ns
4
tRLDV
RD Low to Valid Data In
232
5tCORE – 165
ns
4
tRHDX
Data and Address Hold after
RD
00
ns
4
tRHDZ
Data Float after
RD
89
2tCORE – 70
ns
4
tLLDV
ALE Low to Valid Data In
486
8tCORE – 150
ns
4
tAVDV
Address to Valid Data In
550
9tCORE – 165
ns
4
tLLWL
ALE Low to
RD Low
188
288
3tCORE – 50
3tCORE + 50
ns
4
tAVWL
Address Valid to
RD Low
188
4tCORE – 130
ns
4
tRLAZ
RD Low to Address Float
0
0
ns
4
tWHLH
RD High to ALE High
39
119
tCORE – 40
tCORE + 40
ns
4
t
LLAX
DATA (IN)
CORE_CLK
ALE (O)
PSEN (O)
PORT 0 (I/O)
PORT 2 (O)
RD (O)
t
LLDV
t
LLWL
t
AVWL
t
AVLL
t
AVDV
t
RLAZ
t
RLDV
t
RHDX
t
RHDZ
t
WHLH
A0–A7
(OUT)
A16–A23
A8–A15
t
RLRH
Figure 4. External Data Memory Read Cycle


Similar Part No. - ADUC824BSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824BS AD-ADUC824BS Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
More results

Similar Description - ADUC824BSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com