Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB183-GTR02 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB183-GTR02
Description  17 mm Guitar Potentiometer w/Push-Pull Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB183-GTR02 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB183-GTR02 Datasheet HTML 1Page - Bourns Electronic Solutions PDB183-GTR02 Datasheet HTML 2Page - Bourns Electronic Solutions PDB183-GTR02 Datasheet HTML 3Page - Bourns Electronic Solutions PDB183-GTR02 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.5 ± 0.3
(.098 ± .012)
2.0 ± 0.3
(.079 ± .012)
4.1 ± 0.3
(.161 ± .012)
12.5 ± 0.5
(.492 ± .020)
14.45 ± 0.5
(.569 ± .020)
19.0 ± 0.5
(.748 ± .020)
4.0 ± 0.3
(.157 ± .012)
3.0 ± 0.3
(.118 ± .012)
1.5 ± 0.3
(.059 ± .012)
0.6 ± 0.3
(.024 ± .012)
4.0 ± 0.3
(.157 ± .012)
0.75
(.030)
3/8 ” X
1.0 ± 0.3
(.039 ± .012)
6.0 ± 0.3
(.236 ± .012)
6.0 ± 0.3
(.236 ± .012)
(18 TEETH)
DIA.
6.0 ± 0.3
(.236 ± .012)
DIA.
26.2 ± 0.5
(1.031 ± .020)
9.5 ± 0.3
(.374 ± .012)
30 °
FULL CCW
17.0 ± 0.5
(.669 ± .020)
1.4 X 2.4
(.055 X .094)
3 PLCS.
0.8
(.031)
R
0.4
(.016)
R
4.3 ± 0.2
(.169 ± .008)
SWITCH TRAVEL
(PLAIN
SHAFT)
Features
Split knurled or plain shaft options
DPDT push-pull switch
Metal bushing and shaft
Carbon element
Linear and audio taper options
RoHS compliant*
PDB183-GTR - 17 mm Guitar Potentiometer w/Push-Pull Switch
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................. Linear, audio
Standard Resistance Range
........................ 10K ohms to 1M ohms
Standard Resistance Tolerance....±20 %
Residual Resistance................ 1 % max.
Environmental Characteristics
Operating Temperature
..................................-10 °C to +50 °C
Power Rating
Linear ..................................... 0.2 watt
Audio ...................................... 0.1 watt
Maximum Operating Voltage
Linear .........................................200 V
Audio ..........................................150 V
Sliding Noise........................47 mV max.
Mechanical Characteristics
Mechanical Angle ................... 300 ° ±5 °
Rotational Torque ........... 30 to 100 g-cm
Stop Strength..................... 5 kg-cm min.
Rotational Life................... 15,000 cycles
Switch Life ........................ 15,000 cycles
Switch Type .................................. DPDT
Switch Travel ..................... 4.3 ± 0.2 mm
(.169 ± .008 in.)
Soldering Condition
Manual/Wave
.........260 °C max. for 3 seconds max.
Wash ..................... Not recommended
Hardware .............. Two flat washers and
two mounting nuts supplied per
potentiometer
Product Dimensions
How To Order
PDB183 - GTR 01 - 504 A2
Model
Guitar Pot Designator
Configuration
• 01 = Knurled Shaft (18 Tooth) /
Solder Lugs
• 02 = Plain Shaft / Solder Lugs
• 03 = Knurled Shaft (18 Tooth) /
PC Pins
• 04 = Plain Shaft/PC Pins
• 05 = Knurled Shaft (18 Tooth) /
Solder Lugs,
8 mm Bushing Diameter
• 11 = Knurled Shaft (24 Tooth) /
Solder Lugs
• 13 = Knurled Shaft (24 Tooth) /
PC Pins
• 21 = Knurled Shaft (18 Tooth) /
Solder Lugs / Dual Gang
• 22 = Plain Shaft / Solder Lugs/
Dual Gang
• 31 = Knurled Shaft (18 Tooth) /
Solder Lugs, Long Bushing
• 32 = Plain Shaft / Solder Lugs /
Long Bushing
Resistance Code (See table)
Resistance Taper (See taper charts)
DIMENSIONS:
MM
(INCHES)
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10,000
103
25,000
253
50,000
503
100,000
104
250,000
254
300,000
304
500,000
504
1,000,000
105
PDB183-GTR01,
PDB183-GTR02


Similar Part No. - PDB183-GTR02

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
More results

Similar Description - PDB183-GTR02

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
   17 mm Guitar Potentiometer w/Latching-Push Switch
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB182-GTRB BOURNS-PDB182-GTRB Datasheet
258Kb / 2P
   PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
   Panel Control w/Push-Pull Switch
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com