Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BRU-REEL7 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD7304BRU-REEL7
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7304BRU-REEL7 Datasheet(HTML) 12 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7304/AD7305
Rev. C | Page 12 of 20
FREQUENCY (Hz)
1
0.1
0.001
20
100k
100
1k
10k
0.01
VDD = +5V
VSS = –5V
Figure 22. THD vs. Frequency
3.0
2.4
0
1
100k
10
100
1k
10k
1.8
1.2
0.6
VDD = +5V
VSS = –5V
VREF = +4V
DATA = 0xFF
FREQUENCY (Hz)
Figure 23. Output Noise Voltage Density vs. Frequency
50ns/DIV
CLK
VDD = +5V
VSS = 5V
VREF = +2.5V
DAC A = 0xFF
DAC B = 0x00
F = 2MHz
VOUTB
50ns/DIV
Figure 24. Digital Feedthrough
CS
VDD = +5V
VSS = 5V
VREF = +2.5V
F = 1MHz
DATA = 0x80
0x7F
VOUT
Figure 25. Midscale Transition Glitch
FREQUENCY (Hz)
40
20
–160
100
10M
1k
10k
1M
0
–20
–40
VDD = +5V
VSS = –5V
VREF = 50mV rms
DAC A DATA = 0xFF
DAC B, DAC C, DAC D DATA = 0x00
–60
–80
–100
–120
–140
VOUTB
VREF
CT = 20 LOG
100k
Figure 26. Crosstalk vs. Frequency
FREQUENCY (Hz)
60
0
10
100
1k
100k
50
40
30
20
10
10k
DATA = 0x80
TA = +25°C
+PSRR, VDD = +5V ±∆10%
–PSRR, VSS = –5V ±∆10%
+PSRR, VDD = +3V ±∆10%
–PSRR, VSS = –3V ±∆10%
Figure 27. Power-Supply Rejection vs. Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn