Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7304YR Datasheet(PDF) 4 Page - Analog Devices

Part # AD7304YR
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304YR Datasheet(HTML) 4 Page - Analog Devices

  AD7304YR Datasheet HTML 1Page - Analog Devices AD7304YR Datasheet HTML 2Page - Analog Devices AD7304YR Datasheet HTML 3Page - Analog Devices AD7304YR Datasheet HTML 4Page - Analog Devices AD7304YR Datasheet HTML 5Page - Analog Devices AD7304YR Datasheet HTML 6Page - Analog Devices AD7304YR Datasheet HTML 7Page - Analog Devices AD7304YR Datasheet HTML 8Page - Analog Devices AD7304YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7304/AD7305
Rev. C | Page 4 of 20
VOUT = 10V p-p
+5V
0V
–5V
+5V
0V
–5V
(IN)
VREF = 10V p-p
f = 20kHz
(OUT)
Figure 3. Rail-to-Rail Reference Input to Output at 20 kHz
TIMING SPECIFICATIONS
@ VDD = 3 V or 5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS ≤ VREF ≤ VDD, –40°C < TA < +85°C/+125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
3 V ± 10%
5 V ± 10%
±5 V ± 10%
Unit
INTERFACE TIMING SPECIFICATIONS1, 2
AD7304 Only
Clock Width High
tCH
70
55
55
ns min
Clock Width Low
tCL
70
55
55
ns min
Data Setup
tDS
50
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Load Pulse Width
tLDW
70
60
60
ns min
Load Setup
tLD1
40
30
30
ns min
Load Hold
tLD2
40
30
30
ns min
Clear Pulse Width
tCLWR
60
60
60
ns min
Select
tCSS
30
20
20
ns min
Deselect
tCSH
60
40
40
ns min
AD7305 Only
Data Setup
tDS
60
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Address Setup
tAS
60
40
40
ns min
Address Hold
tAH
30
20
20
ns min
Write Width
tWR
60
50
50
ns min
Load Pulse Width
tLDW
60
50
50
ns min
Load Setup
tLS
60
40
40
ns min
Load Hold
tLH
30
20
20
ns min
1 These parameters are guaranteed by design and not subject to production testing.
2 All input control signals are specified with tR = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.


Similar Part No. - AD7304YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304YR AD-AD7304YR Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304YR AD-AD7304YR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304YR AD-AD7304YR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304YRZ AD-AD7304YRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304YRZ1 AD-AD7304YRZ1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com