Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7304BRZ-REEL1 Datasheet(PDF) 19 Page - Analog Devices

Part No. AD7304BRZ-REEL1
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7304BRZ-REEL1 Datasheet(HTML) 19 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7304/AD7305
Rev. C | Page 19 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
AD7304BR
–40°C to +85°C
16-Lead SOIC
R-16
AD7304BR-REEL
–40°C to +85°C
16-Lead SOIC
R-16
AD7304BRZ1
–40°C to +85°C
16-Lead SOIC
R-16
AD7304BRZ-REEL1
–40°C to +85°C
16-Lead SOIC
R-16
AD7304YR
–40°C to +125°C
16-Lead SOIC
R-16
AD7304YRZ1
–40°C to +125°C
16-Lead SOIC
R-16
AD7304BRU
–40°C to +85°C
16-Lead TSSOP
RU-16
AD7304BRU-REEL7
–40°C to +85°C
16-Lead TSSOP
RU-16
AD7305BR
–40°C to +85°C
20-Lead SOIC
R-20
AD7305BR-REEL
–40°C to +85°C
20-Lead SOIC
R-20
AD7305YR
–40°C to +125°C
20-Lead SOIC
R-20
AD7305YR-REEL
–40°C to +125°C
20-Lead SOIC
R-20
AD7305BRU
–40°C to +85°C
20-Lead TSSOP
RU-20
AD7305BRU-REEL7
–40°C to +85°C
20-Lead TSSOP
RU-20
AD7305BRUZ1
–40°C to +85°C
20-Lead TSSOP
RU-20
AD7305BRUZ-REEL71
–40°C to +85°C
20-Lead TSSOP
RU-20
1 Z = Pb-free part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn