Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAS100H12AM1 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # CAS100H12AM1
Description  1200V, 100A Silicon Carbide Half-Bridge Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

CAS100H12AM1 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button CAS100H12AM1_13 Datasheet HTML 3Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 4Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 5Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 6Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 7Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 8Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 9Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 10Page - Molex Electronics Ltd. CAS100H12AM1_13 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CAS100H12AM1,Rev. A
Circuit Diagram
M1
D1
22V
6.8V
RG(int)
M2
D2
22V
6.8V
RG(int)
G1 RTN
G1
G2 RTN
G2
D1
S1/D2
S2


Similar Part No. - CAS100H12AM1_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
More results

Similar Description - CAS100H12AM1_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
   1200V/100A SiC HALF BRIDGE PEM
logo
General Electric Compan...
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
   1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
Nihon Inter Electronics...
PBMB100B12 NIEC-PBMB100B12 Datasheet
119Kb / 3P
   IGBT MODULE H-Bridge 100A 1200V
logo
WOLFSPEED, INC.
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
   1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
   1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
   1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com