Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8554ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8554ARZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8554ARZ Datasheet HTML 1Page - Analog Devices AD8554ARZ Datasheet HTML 2Page - Analog Devices AD8554ARZ Datasheet HTML 3Page - Analog Devices AD8554ARZ Datasheet HTML 4Page - Analog Devices AD8554ARZ Datasheet HTML 5Page - Analog Devices AD8554ARZ Datasheet HTML 6Page - Analog Devices AD8554ARZ Datasheet HTML 7Page - Analog Devices AD8554ARZ Datasheet HTML 8Page - Analog Devices AD8554ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8551/AD8552/AD8554
Data Sheet
Rev. E | Page 4 of 24
VS = 2.7 V, VCM = 1.35 V, VO = 1.35 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
1
5
μV
−40°C ≤ T
A ≤ +125°C
10
μV
Input Bias Current
I
B
10
50
pA
AD8551/AD8554
−40°C ≤ T
A ≤ +125°C
1.0
1.5
nA
AD8552
−40°C ≤ T
A ≤ +85°C
160
300
pA
AD8552
−40°C ≤ T
A ≤ +125°C
2.5
4
nA
Input Offset Current
I
OS
10
50
pA
AD8551/AD8554
−40°C ≤ T
A ≤ +125°C
150
200
pA
AD8552
−40°C ≤ T
A ≤ +85°C
30
150
pA
AD8552
−40°C ≤ T
A ≤ +125°C
150
400
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
V
CM = 0 V to 2.7 V
115
130
dB
−40°C ≤ T
A ≤ +125°C
110
130
dB
Large Signal Voltage Gain1
A
VO
R
L = 10 kΩ, VO = 0.3 V to 2.4 V
110
140
dB
−40°C ≤ T
A ≤ +125°C
105
130
dB
Offset Voltage Drift
ΔV
OS/ΔT
−40°C ≤ T
A ≤ +125°C
0.005
0.04
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 100 kΩ to GND
2.685
2.697
V
R
L = 100 kΩ to GND @ −40°C to +125°C
2.685
2.696
V
R
L = 10 kΩ to GND
2.67
2.68
V
R
L = 10 kΩ to GND @ −40°C to +125°C
2.67
2.675
V
Output Voltage Low
V
OL
R
L = 100 kΩ to V+
1
10
mV
R
L = 100 kΩ to V+ @ −40°C to +125°C
2
10
mV
R
L = 10 kΩ to V+
10
20
mV
R
L = 10 kΩ to V+ @ −40°C to +125°C
15
20
mV
Short-Circuit Limit
I
SC
±10
±15
mA
−40°C to +125°C
±10
mA
Output Current
I
O
±10
mA
−40°C to +125°C
±5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = 2.7 V to 5.5 V
120
130
dB
−40°C ≤ T
A ≤ +125°C
115
130
dB
Supply Current/Amplifier
I
SY
V
O = 0 V
750
900
μA
−40°C ≤ T
A ≤ +125°C
950
1000
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 10 kΩ
0.5
V/μs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
1
MHz
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0 Hz to 10 Hz
1.6
μV p-p
Voltage Noise Density
e
n
f = 1 kHz
75
nV/√Hz
Current Noise Density
i
n
f = 10 Hz
2
fA/√Hz
1 Gain testing is dependent upon test bandwidth.


Similar Part No. - AD8554ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8554ARZ-REEL AD-AD8554ARZ-REEL Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8554ARZ-REEL7 AD-AD8554ARZ-REEL7 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8554ARZ1 AD-AD8554ARZ1 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8554ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com