Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54548-1070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54548-1070
Description  0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT, ZIF, Bottom Contact Style, 10 Circuits, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

54548-1070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54548-1070 Datasheet HTML 1Page - Molex Electronics Ltd. 54548-1070 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/12/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
54548-1070
Status:
Active
Description:
0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT, ZIF, Bottom
Contact Style, 10 Circuits, Lead-Free
Documents:
3D Model
Product Specification PS-54548-038 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
54548
Product Name
N/A
UPC
822348128785
Physical
Circuits (Loaded)
10
Color - Resin
Black, Natural
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height
1.20mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
High Temperature Thermoplastic
Net Weight
64.702/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
0.50mm
Plating min - Mating
1.016µm
Plating min - Termination
1.016µm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54548-038, RPS-54548-079, RPS-54548-080,
RPS-54548-082, RPS-54548-084, RPS-54548-086,
RPS-54548-090, RPS-54548-098, RPS-54548-100
Sales Drawing
SD-54548-037, SD-54548-038
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54548Series
This document was generated on 03/12/2013


Similar Part No. - 54548-1070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54548-1070 MOLEX11-54548-1070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
More results

Similar Description - 54548-1070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0545481071 MOLEX7-0545481071 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Bottom Contact Style, 10 Circuits, Lead-free, Gold Contact Plating
54132-4097 MOLEX11-54132-4097 Datasheet
37Kb / 3P
   0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 40 Circuits, Lead-Free
0545481271 MOLEX7-0545481271 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Bottom Contact Style, 12 Circuits, Lead-free, Gold Contact Plating
0545482471 MOLEX7-0545482471 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Bottom Contact Style, 24 Circuits, Lead-free, Gold Contact Plating
0545480871 MOLEX7-0545480871 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Bottom Contact Style, 8 Circuits, Lead-free, Gold (Au) Plating
0545482671 MOLEX7-0545482671 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT ZIF, Bottom Contact Style, 26 Circuits, Lead-free, Gold (Au) Plating
0545481671 MOLEX7-0545481671 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT, ZIF, Bottom Contact Style, 16 Circuits, Lead-free, Gold (Au)Plating
0545502471 MOLEX7-0545502471 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 24 Circuits, Lead-free, Gold Contact Plating
0545502671 MOLEX7-0545502671 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 26 Circuits, Lead-free, Gold Contact Plating
0527460971 MOLEX7-0527460971 Datasheet
540Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 9 Circuits, Lead-free, Gold Contact Plating, High BarrierPackaging
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com