Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8552ARU-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8552ARU-REEL
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552ARU-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8552ARU-REEL Datasheet HTML 6Page - Analog Devices AD8552ARU-REEL Datasheet HTML 7Page - Analog Devices AD8552ARU-REEL Datasheet HTML 8Page - Analog Devices AD8552ARU-REEL Datasheet HTML 9Page - Analog Devices AD8552ARU-REEL Datasheet HTML 10Page - Analog Devices AD8552ARU-REEL Datasheet HTML 11Page - Analog Devices AD8552ARU-REEL Datasheet HTML 12Page - Analog Devices AD8552ARU-REEL Datasheet HTML 13Page - Analog Devices AD8552ARU-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8551/AD8552/AD8554
Data Sheet
Rev. E | Page 10 of 24
200µs
1V
VS = ±2.5V
RL = 2kΩ
AV = –100
VIN = 60mV p-p
Figure 31. No Phase Reversal
FREQUENCY (Hz)
140
80
0
60
120
20
40
100
10k
100k
1M
10M
100
1k
VSY = 2.7V
Figure 32. CMRR vs. Frequency at 2.7 V
FREQUENCY (Hz)
140
80
0
60
120
20
40
100
10k
100k
1M
10M
100
1k
VSY = 5V
Figure 33. CMRR vs. Frequency at 5 V
FREQUENCY (Hz)
140
80
0
60
120
20
40
100
10k
100k
1M
10M
100
1k
VSY = ±1.35V
–PSRR
+PSRR
Figure 34. PSRR vs. Frequency at ±1.35 V
FREQUENCY (Hz)
140
80
0
60
120
20
40
100
10k
100k
1M
10M
100
1k
VSY = ±2.5V
–PSRR
+PSRR
Figure 35. PSRR vs. Frequency at ±2.5 V
3.0
2.5
0
2.0
1.5
0.5
1.0
VSY = ±1.35V
RL = 2kΩ
AV = 1
THD+N < 1%
TA = 25°C
FREQUENCY (Hz)
10k
100k
1M
100
1k
Figure 36. Maximum Output Swing vs. Frequency at 2.7 V


Similar Part No. - AD8552ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8552ARU-REEL AD-AD8552ARU-REEL Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8552ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com