Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB3N30 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FQB3N30
Description  300V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB3N30 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FQB3N30 Datasheet HTML 1Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 2Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 3Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 4Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 5Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 6Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 7Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 8Page - Fairchild Semiconductor FQB3N30 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
  


 =    #
"A!   =




'


H



 !
"

#$%&H



 '(
 ')
 '*
+$%
$+,%
-
.

(5+E5/:5I++::+*:E:+59E(J:E(9:?5EII+E:+5:(K
7+IE:+:557+*:+:/5(C5/5KI5+:59 (5+E5/:(I:(K
/5(C5/5K(+559IE:(77/5(5+I:(K7+I+5+I5:+5C:E:+:5L
:5E:+:5*:K(K/5::I:+57(:+59E+E:+59EE:+

(5+E5/ 7+I (+:  (IE+5D: + I: ( +55(/ 7: 5 /5: I77+
:*5: + K: ?5EI E: :M7+: ?+5: (77+*(/  (5+E5/ :5I+
5:+(5(/
(N
. /! ! 
 02  "
0"2 0 2 
    
!   "   " "  A  
  O
' (     
!          "
" A    
!   !

   
!  "#
 $#$
 "
(! 5
!5

   
 !     
 
7 
7 
  
  ""  
    !=
 !

5 
 7 
       
  != 
 !
" 
57 
    
" "    
  


Similar Part No. - FQB3N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N25 FAIRCHILD-FQB3N25 Datasheet
621Kb / 9P
   250V N-Channel MOSFET
FQB3N40 FAIRCHILD-FQB3N40 Datasheet
733Kb / 9P
   400V N-Channel MOSFET
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQB3N60 KERSEMI-FQB3N60 Datasheet
660Kb / 4P
   This N-channel MOSFETS use advanced trench technology and design to provide excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.
logo
Fairchild Semiconductor
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - FQB3N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com