Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS65320QPWPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BOOT
VIN
VIN_LDO
LDO_OUT
FB2
nRST
EN2
SW
Exposed
PowerPAD
GND
COMP
FB1
SS
RT/CLK
EN1
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
PIN CONFIGURATION
TPS65320-Q1
PWP-14 HTSSOP Package
(Top View)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
BOOT
1
O
Boot node for LX
COMP
12
O
Buck error amplifier output to connect external compensation components
Enable and disable input for buck converter (high-voltage tolerant) internally pulls to ground. Pull up
EN1
8
I
externally to enable.
Enable and disable input for LDO (high-voltage tolerant) internally pulls to ground. Pull up externally to
EN2
7
I
enable.
Remote sense input for buck converter, a resistor network connection between this pin and ground and
FB1
11
I
this pin and buck converter output
Remote sense input for LDO regulator, a resistor network connection between this pin and ground and
FB2
5
I
this pin and LDO_OUT
GND
13
Ground
LDO_OUT
4
O
Linear regulator output
Active-low, push-pull reset output, asserted high (at the actual LDO output voltage) after the LDO of the
nRST
6
O
device starts regulating
External resistor connected to ground to program the internal oscillator. An alternative option is to feed
RT/CLK
9
I
an external clock to provide a reference for the switching frequency.
SS
10
I
External capacitor to ground to set the soft-start time
SW
14
I
Source node of internal switching FET
VIN
2
Input for internal supply and drain-node input for internal high-side MOSFET
VIN_LDO
3
Supply for LDO if Buck regulator is in regulation and supplying at least LDO output voltage plus dropout
voltage VDROPOUT. Otherwise, VIN is an internal LDO-supply. Do not connect VIN_LDO to VIN.
Exposed
Electrically connect to ground and solder to the ground plane of the PCB for thermal efficiency.
thermal pad
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506_06 Datasheet
682Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
Skyworks Solutions Inc.
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com