Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS65320QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65320QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
VIN = 6 V to 27 V, EN1 = EN2 = VIN, TJ = –40°C to 150°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching-frequency range using
100
2500
kHz
RT mode
fSW
Switching frequency
RT = 200 k
450
581
720
kHz
Switching-frequency range using
300
2200
kHz
CLK mode
Minimum CLK input pulse width
40
ns
High threshold
1.9
2.2
V
Low threshold
0.5
0.7
V
RT/CLK
Falling edge to SW rising edge
Measured at 500 kHz with RT resistor in series
60
ns
delay
PLL
Lock-in time
Measured at 500 kHz
100
μs
LDO
ΔVLINE-REG
Line regulation
VIN = 6 V to 30 V, IOUT = 10 mA, VOUT = 3.3 V
20
mV
ΔVLOAD-REG Load regulation
IOUT = 10 mA to 200 mA, VIN = 14 V, VOUT = 3.3 V
35
mV
VDROPOUT
Dropout voltage
IOUT = 200 mA
300
450
mV
(VIN – VOUT)
IOUT
Output current
VOUT in regulation
0
280
mA
Error-amplifier dc gain
800
V/V
Operating input voltage on
Buck regulator is in regulation and supplying at least
VIN_LDO
4
20
V
VIN_LDO pin
LDO output voltage plus dropout voltage VDROPOUT.
VFB2
Voltage reference
VLDO_OUT = 1 V to 5 V
0.788
0.8
0.812
V
ICL
Output current limit
VOUT = 0 V (VOUT pin is shorted to ground.)
280
1000
mA
Iq_LPM_
Quiescent current
EN1 = 0 V, EN2 = 5 V, IOUT = 0.01 mA to 0.75 mA
28
40
μA
VIN-RIPPLE = 0.5 VPP, IOUT = 200 mA, frequency = 100
60
Hz, VOUT = 5 V and VOUT = 3.3 V
PSRR
Power supply ripple rejection
dB
VIN-RIPPLE = 0.5 VPP, IOUT = 200 mA, frequency = 150
30
kHz, VOUT = 5 V and VOUT = 3.3 V
ESR = 0.001
Ω to 100 mΩ, large output capacitance
Output capacitor
1
40
μF
may be required for load transient
RESET (nRST PIN)
RESET threshold
LDO_OUT decreasing
88%
92%
95%
–5% ×
VOH
Output high
V
Vldo_out
VOL
Output low
Reset asserted due to falling LDO_OUT, IOL = 1 mA
0
0.045
0.4
V
Filter time
Delay before asserting nRST low
6
10
15
μs
SS (INTERNAL SOFT START TIMER FOR SWITCH MODE CONVERTER)
ISS
Soft-start source current
SS = 0 V
2
4
μA
TSHUTDOWN
Thermal-shutdown trip point
170
ºC
Thys
Hysteresis
10
ºC
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506_06 Datasheet
682Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
Skyworks Solutions Inc.
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com