Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128D818CIMT-NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC128D818CIMT-NOPB
Description  ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC128D818CIMT-NOPB Datasheet(HTML) 2 Page - Texas Instruments

  ADC128D818CIMT-NOPB Datasheet HTML 1Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 2Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 3Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 4Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 5Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 6Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 7Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 8Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ESD
Clamp
1
2
SDA
3
SCL
4
GND
5
6
7
A1
8
V+
16
15
14
13
12
11
10
9
ADC128D818
16-pin TSSOP
IN7
VREF
IN6
IN5
IN4
IN3
IN2
IN1
IN0
A0
INT
SDA
SCL
A0
A1
INT
IN7 (+)
I
2
C Interface and Control
Interrupt
Masking
and
Interrupt
Control
ADC128D818
12-bit
Delta-Sigma
ADC
Internal
VREF = +2.56V
Temperature
Sensor
Interrupt
Status
Registers
GND
VREF
V+
Single-Ended
Positive Voltage
LM94022
Shutdown
DC-DC
10VIN
VOUT
Margining
Voltage
IN0
IN1
IN2
IN3
Pseudo-Differential
Positive Voltage
IN4 (+)
IN5 (-)
IN6 (-)
RTRACE
ADC128D818
SNAS483E – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Typical Application
Connection Diagram
PIN DESCRIPTIONS
Pin
Pin
ESD
Type
Description
Number
Name(s)
Structure
ADC external reference.
ADC128D818 allows two choices for sourcing VREF:
internal or external. If the +2.56V internal VREF is used,
leave this pin unconnected. If the external VREF is used,
1
VREF
Analog Input
source this pin with a voltage between +1.25V and V+. At
Power-On-Reset (POR), the default setting is the internal
VREF.
Bypass with the parallel combination of 1
μF (electrolytic or
tantalum) and 0.1
μF (ceramic) capacitors.
Serial Bus Bidirectional Data. NMOS open-drain output.
2
SDA
Digital I/O
Requires external pull-up resistor to function properly.
Serial Bus Clock. Requires external pull-up resistor to
3
SCL
Digital Input
function properly.
4
GND
GROUND
Internally connected to all of the circuitry.
+3.0V to +5.5V power. Bypass with the parallel combination
5
V+
POWER
of 1
μF (electrolytic or tantalum) and 0.1 μF (ceramic)
bypass capacitors.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADC128D818


Similar Part No. - ADC128D818CIMT-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT TI1-ADC128D818CIMT Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
ADC128D818CIMT/NOPB TI1-ADC128D818CIMT/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
logo
National Semiconductor ...
ADC128D818CIMTX NSC-ADC128D818CIMTX Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMTX TI1-ADC128D818CIMTX Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
More results

Similar Description - ADC128D818CIMT-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com