Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-37-5123 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50-37-5123
Description  2.5 LOW PROFILE RECEPTACLE HOUSING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

50-37-5123 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50-37-5123 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
50-37-5123
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
2.50mm Pitch SPOX™ Wire-to-Board Crimp Housing, Friction Lock, 12 Circuits
Documents:
3D Model
Packaging Specification SPK-5264-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5264-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
5264
Application
Signal, Wire-to-Board
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX™
UPC
800753578265
Physical
Circuits (maximum)
12
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Net Weight
647.400/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
5264-12
Reference - Drawing Numbers
Packaging Specification
SPK-5264-001
Product Specification
PS-5264-001, RPS-5264-001, RPS-5264-002,
RPS-5264-003, RPS-5264-004, RPS-5264-005,
RPS-5264-006
Sales Drawing
SD-5264-N
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5264Series
Mates With
5267 vertical shrouded PCB header, 5268
right angle shrouded PCB header
Use With
5263
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50-37-5123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-37-5123 MOLEX3-50-37-5123 Datasheet
139Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 12 Circuits
50-37-5123 MOLEX11-50-37-5123 Datasheet
42Kb / 1P
   2.50mm Pitch SPOX??Wire-to-Board Crimp Housing, Friction Lock, 12 Circuits
More results

Similar Description - 50-37-5123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-5263-003 MOLEX-SD-5263-003 Datasheet
77Kb / 1P
   2.5 LOW PROFILE CRIMP RECEPTACLE
0039000023 MOLEX1-0039000023 Datasheet
53Kb / 1P
   2.5 LOW PROFILE CRIMP RECEPTACLE
logo
Laird Tech Smart Techno...
CFS60383P LSTD-CFS60383P Datasheet
2Mb / 4P
   Low profile aesthetically neutral housing
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
   Low Profile aesthetically neutral housing
LPS69273NT LSTD-LPS69273NT Datasheet
830Kb / 5P
   Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
   Low Profile aesthetically neutral housing
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
   Low profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
   Low profile aesthetically neutral housing
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CMQ69273P LSTD-CMQ69273P Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com