Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7846JP-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7846JP-REEL
Description  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846JP-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7846JP-REEL Datasheet HTML 2Page - Analog Devices AD7846JP-REEL Datasheet HTML 3Page - Analog Devices AD7846JP-REEL Datasheet HTML 4Page - Analog Devices AD7846JP-REEL Datasheet HTML 5Page - Analog Devices AD7846JP-REEL Datasheet HTML 6Page - Analog Devices AD7846JP-REEL Datasheet HTML 7Page - Analog Devices AD7846JP-REEL Datasheet HTML 8Page - Analog Devices AD7846JP-REEL Datasheet HTML 9Page - Analog Devices AD7846JP-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7846
Rev. G | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to DGND
−0.4 V to +17 V
VCC to DGND
−0.4 V, VDD + 0.4 V, or +7 V
(whichever is lower)
VSS to DGND
+0.4 V to −17 V
VREF+ to DGND
VDD + 0.4 V, VSS − 0.4 V
VREF− to DGND
VDD + 0.4 V, VSS − 0.4 V
VOUT to DGND1
VDD + 0.4 V, VSS − 0.4 V, or ±10 V
(whichever is lower)
RIN to DGND
VDD + 0.4 V, VSS − 0.4 V
Digital Input Voltage to DGND
−0.4 V to VCC + 0.4 V
Digital Output Voltage to DGND
−0.4 V to VCC + 0.4 V
Power Dissipation (Any Package)
To +75°C
1000 mW
Derates above +75°C
10 mW/°C
Operating Temperature Range
J, K Versions
0°C to +70°C
A, B Versions
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering)
+300°C
1 VOUT can be shorted to DGND, VDD, VSS, or VCC provided that the power
dissipation of the package is not exceeded.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7846JP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846JP AD-AD7846JP Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
More results

Similar Description - AD7846JP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com