Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5449YRUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5449YRUZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5449YRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5449YRUZ Datasheet HTML 4Page - Analog Devices AD5449YRUZ Datasheet HTML 5Page - Analog Devices AD5449YRUZ Datasheet HTML 6Page - Analog Devices AD5449YRUZ Datasheet HTML 7Page - Analog Devices AD5449YRUZ Datasheet HTML 8Page - Analog Devices AD5449YRUZ Datasheet HTML 9Page - Analog Devices AD5449YRUZ Datasheet HTML 10Page - Analog Devices AD5449YRUZ Datasheet HTML 11Page - Analog Devices AD5449YRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5429/AD5439/AD5449
Data Sheet
Rev. E | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
NC = NO CONNECT
16
15
14
13
12
11
10
9
IOUT2A
RFBA
VREFA
SCLK
LDAC
GND
IOUT1A
IOUT2B
RFBB
VREFB
SYNC
SDIN
SDO
CLR
VDD
IOUT1B
AD5429/
AD5439/
AD5449
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IOUT1A
DAC A Current Output.
2
IOUT2A
DAC A Analog Ground. This pin should typically be tied to the analog ground of the system, but it can be
biased to achieve single-supply operation.
3
RFBA
DAC Feedback Resistor Pin. This pin establishes voltage output for the DAC by connecting to an external
amplifier output.
4
VREFA
DAC A Reference Voltage Input Pin.
5
GND
Ground Pin.
6
LDAC
Load DAC Input. This pin allows asynchronous or synchronous updates to the DAC output. The DAC is
asynchronously updated when this signal goes low. Alternatively, if this line is held permanently low, an
automatic or synchronous update mode is selected, whereby the DAC is updated on the 16th clock falling
edge when the device is in standalone mode, or on the rising edge of SYNC when in daisy-chain mode.
7
SCLK
Serial Clock Input. By default, data is clocked into the input shift register on the falling edge of the serial clock
input. Alternatively, by means of the serial control bits, the device can be configured such that data is clocked
into the shift register on the rising edge of SCLK.
8
SDIN
Serial Data Input. Data is clocked into the 16-bit input register on the active edge of the serial clock input. By
default, data is clocked at power-on into the shift register on the falling edge of SCLK. The control bits allow
the user to change the active edge to a rising edge.
9
SDO
Serial Data Output. This pin allows a number of parts to be daisy-chained. By default, data is clocked into the
shift register on the falling edge and clocked out via SDO on the rising edge of SCLK. Data is always clocked
out on the alternate edge to loading data to the shift register. Writing the readback control word to the shift
register makes the DAC register contents available for readback on the SDO pin, and they are clocked out on the
next 16 opposite clock edges to the active clock edge.
10
SYNC
Active Low Control Input. This pin provides the frame synchronization signal for the input data. When SYNC
goes low, it powers on the SCLK and DIN buffers, and the input shift register is enabled. Data is loaded into the
shift register on the active edge of the subsequent clocks. In standalone mode, the serial interface counts the
clocks, and data is latched into the shift register on the 16th active clock edge.
11
CLR
Active Low Control Input. This pin clears the DAC output, input, and DAC registers. Configuration mode allows the
user to enable the hardware CLR pin as a clear-to-zero scale or midscale, as required.
12
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
13
VREFB
DAC B Reference Voltage Input Pin.
14
RFBB
DAC B Feedback Resistor Pin. This pin establishes voltage output for the DAC by connecting to an external
amplifier output.
15
IOUT2B
DAC B Analog Ground. This pin typically should be tied to the analog ground of the system, but it can be
biased to achieve single-supply operation.
16
IOUT1B
DAC B Current Output.


Similar Part No. - AD5449YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5449YRUZ AD-AD5449YRUZ Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
AD5449YRUZ-REEL AD-AD5449YRUZ-REEL Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5449YRUZ-REEL AD-AD5449YRUZ-REEL Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
AD5449YRUZ-REEL7 AD-AD5449YRUZ-REEL7 Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
More results

Similar Description - AD5449YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com