Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5443YRM Datasheet(PDF) 9 Page - Analog Devices

Part # AD5443YRM
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5443YRM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5443YRM Datasheet HTML 5Page - Analog Devices AD5443YRM Datasheet HTML 6Page - Analog Devices AD5443YRM Datasheet HTML 7Page - Analog Devices AD5443YRM Datasheet HTML 8Page - Analog Devices AD5443YRM Datasheet HTML 9Page - Analog Devices AD5443YRM Datasheet HTML 10Page - Analog Devices AD5443YRM Datasheet HTML 11Page - Analog Devices AD5443YRM Datasheet HTML 12Page - Analog Devices AD5443YRM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5426/AD5432/AD5443
Rev. G | Page 9 of 24
REFERENCE VOLTAGE
10
2
3
4
5
6
7
8
9
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
MAX INL
MIN INL
TA = 25°C
VDD = 5V
AD5443
Figure 12. INL vs. Reference Voltage
REFERENCE VOLTAGE
10
2
3
4
5
6
7
8
9
–0.40
–0.45
–0.55
–0.50
–0.60
–0.65
–0.70
MIN DNL
TA = 25°C
VDD = 5V
AD5443
Figure 13. DNL vs. Reference Voltage
TEMPERATURE (°C)
140
–60
–40
–20
0
20
40
60
80
100
120
5
4
3
2
1
0
–1
–2
–3
–4
–5
VDD = 5V
VDD = 3V
VREF = 10V
Figure 14. Gain Error vs. Temperature
VBIAS (V)
1.5
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TA = 25°C
VREF = 0V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 15. Linearity vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
4
2
1
3
0
–1
–2
–3
–4
–5
TA = 25°C
VREF = 2.5V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 16. Linearity vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
1.5
0.5
0.6
0.7
0.8
1.0
1.1
0.9
1.2
1.3
1.4
0.5
0.3
0.4
0.1
0.2
–0.1
–0.2
0
–0.3
–0.4
–0.5
OFFSET ERROR
GAIN ERROR
TA = 25°C
VREF = 0V
VDD = 3V AND 5V
Figure 17. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2


Similar Part No. - AD5443YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5443YRM AD-AD5443YRM Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5443YRM-REEL AD-AD5443YRM-REEL Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5443YRM-REEL7 AD-AD5443YRM-REEL7 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results

Similar Description - AD5443YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com