Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5426 Datasheet(PDF) 24 Page - Analog Devices

Part No. AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5426 Datasheet(HTML) 24 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5426/AD5432/AD5443
Data Sheet
Rev. G | Page 24 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 51. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Resolution (Bit)
INL (LSB)
Temperature Range
Package Description
Package Option
Branding
AD5426YRM
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D1Q
AD5426YRM-REEL
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D1Q
AD5426YRM-REEL7
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D1Q
AD5426YRMZ
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D6W
AD5426YRMZ-REEL
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D6W
AD5426YRMZ-REEL7
8
±0.25
−40°C to +125°C
10-Lead MSOP
RM-10
D6W
AD5432YRM
10
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D1R
AD5432YRMZ
10
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D1R#
AD5432YRMZ-REEL
10
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D1R#
AD5432YRMZ-REEL7
10
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D1R#
AD5443YRM
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S
AD5443YRM-REEL
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S
AD5443YRM-REEL7
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S
AD5443YRMZ
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S#
AD5443YRMZ-REEL
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S#
AD5443YRMZ-REEL7
12
±1
−40°C to +125°C
10-Lead MSOP
RM-10
D1S#
EV-AD5443/46/53SDZ
Evaluation Board
1
Z = RoHS Compliant Part, # denotes RoHS compliant product may be top or bottom marked.
©2004–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03162-0-6/13(G)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn