Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5426 Datasheet(PDF) 13 Page - Analog Devices

Part No. AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5426 Datasheet(HTML) 13 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5426/AD5432/AD5443
Rev. G | Page 13 of 24
FREQUENCY (Hz)
500
0
50
100
150
200
250
300
350
400
450
0
–20
–30
–10
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 36. Wideband SFDR fOUT = 20 kHz, Update = 1 MHz
FREQUENCY (Hz)
75
25
30
35
40
50
55
45
60
65
70
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 37. Narrowband (±50%) SFDR fOUT = 50 kHz, Update = 1 MHz
FREQUENCY (Hz)
30
10
14
16
18
12
20
22
24
26
28
0
–20
–30
–10
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 38. Narrowband (±50%) SFDR fOUT = 20 kHz, Update = 1 MHz
FREQUENCY (Hz)
35
10
15
25
20
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 39. Narrowband (±50%) IMD fOUT = 20 kHz, 25 kHz, Update = 1 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn