Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5426 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5426 Datasheet(HTML) 12 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5426/AD5432/AD5443
Data Sheet
Rev. G | Page 12 of 24
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
20
–20
0
–60
–40
–100
–80
–120
TA = 25°C
VDD = 3V
AMPLIFIER = AD8038
FULL SCALE
ZERO SCALE
Figure 30. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
1M
1
10
100
1k
10k
100k
–60
–75
–70
–65
–80
–85
–90
TA = 25°C
VDD = 3V
VREF = 3.5V p-p
Figure 31. THD and Noise vs. Frequency
VOLTAGE (V)
5.5
2.5
3.0
3.5
4.0
4.5
5.0
1.8
1.4
1.6
1.0
1.2
0.4
0.6
0.8
0.2
0
TA = 25°C
VIL
VIH
Figure 32. Threshold Voltages vs. Supply Voltage
fOUT (kHz)
50
0
10
20
40
30
100
80
60
40
20
0
TA = 25°C
VREF = 3.5V
AD8038 AMP
AD5443
MCLK = 500kHz
MCLK = 200kHz
MCLK = 1MHz
Figure 33. Wideband SFDR vs. fOUT Frequency (AD5443)
fOUT (kHz)
50
0
10
20
30
40
80
60
40
20
0
TA = 25°C
VREF = 3.5V
AD8038 AMP
AD5426
MCLK = 1MHz
MCLK = 200kHz
MCLK = 500kHz
Figure 34. Wideband SFDR vs. fOUT Frequency (AD5426)
FREQUENCY (Hz)
500
0
50
100
150
200
250
300
350
400
450
0
–20
–10
–40
–30
–60
–50
–80
–90
–70
–100
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5443
Figure 35. Wideband SFDR fOUT = 50 kHz, Update = 1 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn