Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5390 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5390
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5390 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5390_12 Datasheet HTML 13Page - Analog Devices AD5390_12 Datasheet HTML 14Page - Analog Devices AD5390_12 Datasheet HTML 15Page - Analog Devices AD5390_12 Datasheet HTML 16Page - Analog Devices AD5390_12 Datasheet HTML 17Page - Analog Devices AD5390_12 Datasheet HTML 18Page - Analog Devices AD5390_12 Datasheet HTML 19Page - Analog Devices AD5390_12 Datasheet HTML 20Page - Analog Devices AD5390_12 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
AD5390/AD5391/AD5392
Rev. E | Page 17 of 44
Mnemonic
Function
PD
Power-Down (level-sensitive, active high). Used to place the device in low power mode, in which the device consumes
1 µA analog current and 20 µA digital current. In power-down mode, all internal analog circuitry is placed in low power
mode; the analog output is configured as high impedance outputs or provides a 100 kΩ load to ground, depending on
how the power-down mode is configured. The serial interface remains active during power-down.
SPI/I2C
Interface Select Input Pin. When this input is low, I2C mode is selected. When this input is high, SPI mode is selected.
SCLK/SCL
Interface Clock Input Pin. In SPI-compatible serial interface mode, this pin acts as a serial clock input. It operates at clock
speeds up to 50 MHz.
I2C mode: In I2C mode, this pin performs the SCL function, clocking data into the device. Data transfer rate in I2C mode is
compatible with both 100 kHz and 400 kHz operating modes.
DIN/SDA
Interface Data Input Pin.
SPI/I2C = 1: This pin acts as the serial data input. Data must be valid on the falling edge of SCLK.
SPI/I2C = 0, I2C mode: In I2C mode, this pin is the serial data pin (SDA) operating as an open drain input/output.
TEST
Test pin (AD5392 only). This pin is used for production testing. For normal operation, this pin should not be connected.
NC
No Connect. These pins have no internal connection.
Exposed Pad
(LFCSP only)
This pad should be connected to the ground plane.


Similar Part No. - AD5390_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results

Similar Description - AD5390_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com