Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5390 Datasheet(PDF) 36 Page - Analog Devices

Part # AD5390
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5390 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5390_12 Datasheet HTML 32Page - Analog Devices AD5390_12 Datasheet HTML 33Page - Analog Devices AD5390_12 Datasheet HTML 34Page - Analog Devices AD5390_12 Datasheet HTML 35Page - Analog Devices AD5390_12 Datasheet HTML 36Page - Analog Devices AD5390_12 Datasheet HTML 37Page - Analog Devices AD5390_12 Datasheet HTML 38Page - Analog Devices AD5390_12 Datasheet HTML 39Page - Analog Devices AD5390_12 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD5390/AD5391/AD5392
Data Sheet
Rev. E | Page 36 of 44
AD539x to PIC16C6x/7x
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit = 0. This is done
by writing to the synchronous serial port control register
(SSPCON)—see the PIC16/17 Microcontroller User Manual.
In Figure 38, I/O port RA1 is used to pulse SYNC and enable
the serial port of the AD539x. This microcontroller transfers
only eight bits of data during each serial transfer operation;
therefore, three consecutive read/write operations are needed,
depending on the mode. Figure 38 shows the connection
diagram.
DVDD
PIC16C6x/7x
AD539x
RESET
SDO
SDI/RC4
DIN
SDO/RC5
SCLK
SCK/RC3
RA1
SYNC
SPI/I2C
Figure 38. AD539x to PIC16C6x/7x Interface
AD539x to 8051
The AD539x requires a clock synchronized to the serial data.
The 8051 serial interface must, therefore, be operated in Mode 0.
In this mode, serial data enters and exits through RxD and a
shift clock is output on TxD. Figure 39 shows how the 8051 is
connected to the AD539x. Because the AD539x shifts data out
on the rising edge of the shift clock and latches data in on the
falling edge, the shift clock must be inverted. The AD539x
requires its data with the MSB first. Because the 8051 outputs
the LSB first, the transmit routine must take this into account.
DVDD
DVDD
8xC51
SDO
DIN
AD539x
RESET
RxD
SCLK
TxD
P1.1
SYNC
SPI/I2C
Figure 39. AD539x to 8051 Interface
AD539x to ADSP2101
Figure 40 shows a serial interface between the AD539x and
the ADSP2101. The ADSP2101 should be set up to operate in
the SPORT transmit alternate framing mode. The ADSP2101
SPORT is programmed through the SPORT control register and
should be configured as follows: internal clock operation, active
low framing, and 16-bit word length. Transmission is initiated
by writing a word to the Tx register after the SPORT has been
enabled.
DVDD
ADSP2101
AD539x
RESET
DIN
DT
SDO
DR
SCLK
SCK
TFS
RFS
SYNC
SPI/I2C
Figure 40. AD539x to ADSP2101 Interface


Similar Part No. - AD5390_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results

Similar Description - AD5390_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com