Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW02C10K00JB1214 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CW02C10K00JB1214
Description  Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CW02C10K00JB1214 Datasheet(HTML) 1 Page - Vishay Siliconix

  CW02C10K00JB1214 Datasheet HTML 1Page - Vishay Siliconix CW02C10K00JB1214 Datasheet HTML 2Page - Vishay Siliconix CW02C10K00JB1214 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CW
www.vishay.com
Vishay Dale
Revision: 01-Feb-12
1
Document Number: 30215
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power,
Silicone Coated, Axial Lead
FEATURES
• High performance for low cost
• High temperature silicone coating
• Complete welded construction
• Excellent stability in operation
• High power to size ratio
• Compliant to RoHS Directive 2002/95/EC
Notes
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Notes
(1) Vishay Dale CW models have two power ratings, depending on operating temperature and stability requirements
(2) 3 % tolerance available
(3) Higher values available on request
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (1) P25 °C W
CHARACTERISTIC U + 250
°C
POWER RATING (1) P25 °C W
CHARACTERISTIC V + 350
°C
RESISTANCE RANGE
TOLERANCE
± % (2)
WEIGHT
(max.) g
CW1/2
CW-1/2
0.5
-
0.1 to 1.77K
5, 10
0.21
CW001
CW-1
1.0
-
0.1 to 6.37K
5, 10
0.34
CW01M
CW-1M
1.0
-
0.1 to 3.3K
5, 10
0.3
CW002
CW-2
4.0
5.5
0.1 to 28.7K
5, 10
2.1
CW02M
CW-2M
3.0
3.75
0.1 to 12K
5, 10
0.65
CW02B
CW-2B
3.0
3.75
0.1 to 15K
5, 10
0.7
CW02B...13
CW-2B-13
4.0
6.0
0.1 to 10.89K (3)
5, 10
0.9
CW02C
CW-2C
2.5
3.25
0.1 to 19.9K
5, 10
1.8
CW02C...14
CW-2C-14
2.5
3.25
0.1 to 19.9K
5, 10
1.2
CW005
CW-5
5.0
6.5
0.1 to 58.5K
5, 10
4.2
CW005...2
CW-5-2
4.0
5.0
0.1 to 40.3K
5, 10
4.2
CW005...3
CW-5-3
5.0
6.5
0.1 to 58.5K
5, 10
4.2
CW007
CW-7
7.0
9.0
0.1 to 95.2K
5, 10
4.7
CW010
CW-10
10.0
13.0
0.1 to 167K
5, 10
9.0
CW010...3
CW-10-3
10.0
13.0
0.1 to 167K
5, 10
9.0
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CW RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 for 10
 and above, ± 50 for 1.0  to 9.9 , ± 90 for 0.5  to 0.99 
Dielectric Withstanding Voltage
VAC
1000
Short Time Overload
-
5 x rated power for 5 s for 3.75 W size and smaller, 10 x rated power for 5 s for 4 W size and greater
Terminal Strength
lb
10 minimum
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
Characteristic U = - 65 to + 250, characteristic V = - 65 to + 350
Power Rating
-
Characteristic U = + 250 °C max. hot spot temperature, ± 0.5 % max.
R in 2000 h load life
Characteristic V = + 350 °C max. hot spot temperature, ± 3.0 % max.
R in 2000 h load life
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CW02C10K00JB1214
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard
Electrical
Specifications
Global Model
column for
options)
R = Decimal
K = Thousand
1R500 = 1.5
1K500 = 1.5 k
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E70 = Lead (Pb)-free, tape/reel, 1K pcs (smaller than CW005)
E73 = Lead (Pb)-free, tape/reel, 500 pcs
E12 = Lead (Pb)-free, bulk
D18 = Lead (Pb)-free, R1R80 tape/reel
CW02B...13 pack code for Europe use only
S70 = Tin/lead, tape/reel, 1K pcs (smaller than CW005)
S73 = Tin/lead, tape/reel, 500 pcs
B12 = Tin/lead, bulk
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
Historical Part Numbering example: CW-2C-14 10 k
 5 % B12
CW-2C-14
10 k
5 %
B12
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
2C1
0
0
0
J
K
W0
B1
2
C
4
1


Similar Part No. - CW02C10K00JB1214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
More results

Similar Description - CW02C10K00JB1214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
MRB VISHAY-MRB Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 09-Jan-12
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com