Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1303DL-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1303DL-T1-GE3
Description  P-Channel 2.5-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1303DL-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1303DL-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1303DL-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71075
S10-0110-Rev. F, 18-Jan-10
Vishay Siliconix
Si1303DL
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
-0.6
- 1.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 70 °C
- 5
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 2.5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1 A
0.360
0.430
Ω
VGS = - 3.6 V, ID = - 0.7 A
0.400
0.480
VGS = - 2.5 V, ID = - 0.3 A
0.560
0.700
Forward Transconductancea
gfs
VGS = - 10 V, ID = - 1 A
1.7
S
Diode Forward Voltagea
VSD
IS = - 0.3 A, VGS = 0 V
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 1 A
1.7
2.2
nC
Gate-Source Charge
Qgs
0.38
Gate-Drain Charge
Qgd
0.63
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
915
ns
Rise Time
tr
31
45
Turn-Off DelayTime
td(off)
12.5
20
Fall Time
tf
14
20
Source-Drain Reverse Recovery Time
trr
IF = - 1 A, dI/dt = 100 A/µs
35
55
Output Characteristics
0
1
2
3
4
5
6
0246
8
VGS = 4.5 V
2 V
VDS - Drain-to-Source Voltage (V)
1 V, 1.5 V
2.5 V
3 V
3.5 V
4 V
Transfer Characteristics
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = - 55 °C
125 °C
25°C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI1303DL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1303DL-T1-E3 VISHAY-SI1303DL-T1-E3 Datasheet
100Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
S-61007-Rev. D, 12-Jun-06
More results

Similar Description - SI1303DL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com