Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG6030EP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG6030EP
Description  3 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG6030EP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG6030EP Datasheet HTML 1Page - NXP Semiconductors PMEG6030EP Datasheet HTML 2Page - NXP Semiconductors PMEG6030EP Datasheet HTML 3Page - NXP Semiconductors PMEG6030EP Datasheet HTML 4Page - NXP Semiconductors PMEG6030EP Datasheet HTML 5Page - NXP Semiconductors PMEG6030EP Datasheet HTML 6Page - NXP Semiconductors PMEG6030EP Datasheet HTML 7Page - NXP Semiconductors PMEG6030EP Datasheet HTML 8Page - NXP Semiconductors PMEG6030EP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMEG6030EP_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 21 January 2010
2 of 13
NXP Semiconductors
PMEG6030EP
3 A low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
12
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG6030EP
-
plastic surface-mounted package; 2 leads
SOD128
Table 4.
Marking codes
Type number
Marking code
PMEG6030EP
AB
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
60
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 50 °C
[1] -
3
A
Tsp ≤ 135 °C
-
3
A
IFSM
non-repetitive peak
forward current
square wave;
tp = 8 ms
[2] -
50
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3][4] -
625
mW
[3][5] -
1050
mW
[3][1] -
2100
mW


Similar Part No. - PMEG6030EP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6030EP NEXPERIA-PMEG6030EP Datasheet
252Kb / 12P
   60 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG6030EP-Q NEXPERIA-PMEG6030EP-Q Datasheet
254Kb / 12P
   60 V, 3 A low VF Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG6030EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG4030ER NXP-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
logo
Nexperia B.V. All right...
PMEG4030ETP NEXPERIA-PMEG4030ETP Datasheet
234Kb / 13P
   40 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG050V030EPD NEXPERIA-PMEG050V030EPD Datasheet
706Kb / 13P
   50 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
   60 V, 3 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com