Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320BRM-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD5320BRM-REEL
Description  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320BRM-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5320BRM-REEL Datasheet HTML 4Page - Analog Devices AD5320BRM-REEL Datasheet HTML 5Page - Analog Devices AD5320BRM-REEL Datasheet HTML 6Page - Analog Devices AD5320BRM-REEL Datasheet HTML 7Page - Analog Devices AD5320BRM-REEL Datasheet HTML 8Page - Analog Devices AD5320BRM-REEL Datasheet HTML 9Page - Analog Devices AD5320BRM-REEL Datasheet HTML 10Page - Analog Devices AD5320BRM-REEL Datasheet HTML 11Page - Analog Devices AD5320BRM-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5320
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
INL @ 5V
INL @ 3V
CODE
16
12
4
–4
–12
8
0
–8
–16
0
800
1600
2400
4000
3200
TA = 25°C
Figure 5. Typical INL Plot
CODE
1.0
0.5
0
–0.5
–1.0
0
1000
2000
3000
4000
DNL @ 3V
DNL @ 5V
TA = 25°C
Figure 6. Typical DNL Plot
CODE
16
8
0
–8
–16
0
800
1600
2400
4000
3200
TUE @ 3V
TUE @ 5V
TA = 25°C
Figure 7. Typical Total Unadjusted Error Plot
MAX INL
MAX DNL
MIN INL
MIN DNL
TEMPERATURE (°C)
–40
0
40
80
120
16
12
4
–4
–12
8
0
–8
–16
Figure 8. INL Error and DNL Error vs. Temperature
VDD = 5V
ZS ERROR
FS ERROR
30
20
30
0
10
20
10
TEMPERATURE (°C)
–40
0
40
80
120
Figure 9. Zero-Scale Error and Full-Scale Error vs. Temperature
2500
2000
500
50
190
1500
1000
0
VDD = 3V
VDD = 5V
60 70 80 90 100 110 120 130 140 150 160 170 180
IDD (µA)
Figure 10. IDD Histogram with VDD = 3 V and VDD = 5 V


Similar Part No. - AD5320BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320BRM AD-AD5320BRM Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5320BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com