Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5320
Description  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5320_05 Datasheet HTML 11Page - Analog Devices AD5320_05 Datasheet HTML 12Page - Analog Devices AD5320_05 Datasheet HTML 13Page - Analog Devices AD5320_05 Datasheet HTML 14Page - Analog Devices AD5320_05 Datasheet HTML 15Page - Analog Devices AD5320_05 Datasheet HTML 16Page - Analog Devices AD5320_05 Datasheet HTML 17Page - Analog Devices AD5320_05 Datasheet HTML 18Page - Analog Devices AD5320_05 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5320
Rev. C | Page 15 of 20
APPLICATIONS
USING REF19X AS A POWER SUPPLY FOR AD5320
Because the supply current required by the AD5320 is
extremely low, an alternative option is to use a REF19x voltage
reference (REF195 for 5 V or REF193 for 3 V) to supply the
required voltage to the part (see Figure 32). This is especially
useful if the power supply is noisy or if the system supply
voltages are at some value other than 5 V or 3 V (such as 15 V).
The REF19x outputs a steady supply voltage for the AD5320. If
the low dropout REF195 is used, the current it needs to supply
to the AD5320 is 140 μA. This is with no load on the output of
the DAC. When the DAC output is loaded, the REF195 also
needs to supply the current to the load. The total current
required (with a 5 kΩ load on the DAC output) is:
140 μA + (5 V/5 kΩ) = 1.14 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in an error of 2.3 ppm (11.5 μV) for the 1.14 mA
current drawn from it. This corresponds to a 0.009 LSB error.
REF195
AD5320
DIN
SCLK
SYNC
15V
5V
140µA
VOUT = 0V TO 5V
3-WIRE
SERIAL
INTERFACE
Figure 32. REF195 as Power Supply to AD5320
BIPOLAR OPERATION USING THE AD5320
The AD5320 is designed for single-supply operation but a bipolar
output range is also possible using the circuit in Figure 33. The
circuit below gives an output voltage range of ±5 V. Rail-to-rail
operation at the amplifier output is achievable using an AD820 or
an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
×
+
×
×
=
1
2
1
2
1
4096
R
R
V
R
R
R
D
V
V
DD
DD
O
where D represents the input code in decimal (0 to 4095).
With VDD = 5 V, R1 = R2 = 10 kΩ:
V
D
V
O
5
4096
10
×
=
This is an output voltage range of ±5 V with 000 hex
corresponding to a −5 V output and FFF hex corresponding to
a +5 V output.
3-WIRE SERIAL INTERFACE
+5V
AD5320
10µF
0.1µF
VDD
VOUT
R1 = 10kΩ
R2 = 10kΩ
+5V
±5V
–5V
AD820/
OP295
Figure 33. Bipolar Operation with the AD5320
USING AD5320 WITH AN OPTO-ISOLATED
INTERFACE
For process control applications in industrial environments, it is
often necessary to use an opto-isolated interface to protect and
isolate the controlling circuitry from any hazardous common-
mode voltages that can occur in the area where the DAC is
functioning. Opto-isolators provide isolation in excess of 3 kV.
Because the AD5320 uses a 3-wire serial logic interface, it
requires only three opto-isolators to provide the required
isolation (see Figure 34). The power supply to the part also
needs to be isolated. This is done by using a transformer. On the
DAC side of the transformer, a 5 V regulator provides the 5 V
supply required for the AD5320.
VDD
0.1µF
VDD
10kΩ
10kΩ
VDD
10kΩ
5V
REGULATOR
VOUT
GND
DIN
SYNC
SCLK
POWER
10µF
VDD
SYNC
SCLK
DATA
AD5320
Figure 34. AD5320 with An Opto-Isolated Interface


Similar Part No. - AD5320_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320BRM AD-AD5320BRM Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320BRT AD-AD5320BRT Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5320_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com