Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-102974-0 Datasheet(PDF) 56 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 56 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 52Page - Tyco Electronics 1-102974-0 Datasheet HTML 53Page - Tyco Electronics 1-102974-0 Datasheet HTML 54Page - Tyco Electronics 1-102974-0 Datasheet HTML 55Page - Tyco Electronics 1-102974-0 Datasheet HTML 56Page - Tyco Electronics 1-102974-0 Datasheet HTML 57Page - Tyco Electronics 1-102974-0 Datasheet HTML 58Page - Tyco Electronics 1-102974-0 Datasheet HTML 59Page - Tyco Electronics 1-102974-0 Datasheet HTML 60Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 321 page
background image
56
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
Double Row Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Cable-to-Board, Ribbon Cable, System 50
Note: All part numbers are RoHS compliant.
.228
[5.80]
.246
[6.25]
.580
[14.73]
Before
Termination
.198
[5.03]
.100
[2.54]
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Latches — Stainless steel
Contacts — Copper alloy, plated gold
over nickel with tin in termination area
Related Product Data
Performance Characteristics —
page 63
Mateable Headers — pages 29, 30,
34, 35 & 44
Application Tooling — page 60-62
Mates with Posts —
.015 [0.38] square, .125 [3.18] long,
on.050 x .100 [1.27 x 2.54] grid
Technical Documents — page 64
Product Specification 108-1109
Application Specification
114-25029
.254
[6.45]
.228
[5.79]
.054
[1.37]
.430
[10.92]
.102
[2.59]
.335
[8.51]
.100
[2.54]
.050
[1.27]
F
E
D
A
Cover
Latch
Contact
Housing
Typ.
Position #1
Indicator
C
B
No. of
Dimensions
Part
Pos.
AB
C
D
E
F
Numbers
10
.510 [12.95]
.445 [11.30]
.225 [5.72]
.200 [5.08]
.096 [2.44]
.294 [7.47]
2-111196-5
14
.610 [15.49]
.545 [13.84]
.325 [8.26]
.300 [7.62]
.146 [3.71]
.394 [10.01]
2-111196-6
16
.660 [16.76]
.595 [15.11]
.375 [9.52]
.350 [8.89]
.171 [4.34]
.444 [11.28]
2-111196-7
20
.760 [19.30]
.695 [17.65]
.475 [12.07]
.450 [11.43]
.221 [5.61]
.544 [13.82]
1-111196-8
24
.860 [20.32]
.795 [20.19]
.575 [14.61]
.550 [13.97]
.271 [6.88]
.644 [16.36]
2-111196-8
26
.910 [23.11]
.845 [21.46]
.625 [15.88]
.600 [15.24]
.296 [7.52]
.694 [17.63]
2-111196-9
30
1.010 [25.65]
.945 [24.00]
.725 [18.42]
.700 [17.78]
.346 [8.79]
.794 [20.17]
1-111196-9
34
1.110 [28.19]
1.045 [26.54]
.825 [20.96]
.800 [20.32]
.396 [10.06]
.894 [22.71]
3-111196-0
40
1.260 [32.00]
1.195 [30.35]
.975 [34.54]
.950 [24.13]
.471 [11.96]
1.044 [26.52]
2-111196-0
44
1.360 [34.54]
1.295 [32.89]
1.075 [27.31]
1.050 [26.67]
.521 [13.23]
1.144 [29.06]
3-111196-1
50
1.510 [38.35]
1.445 [36.70]
1.225 [31.12]
1.200 [30.48]
.596 [15.14]
1.294 [32.87]
2-111196-1
60
1.760 [44.70]
1.695 [43.05]
1.475 [37.47]
1.450 [36.83]
.721 [18.31]
1.544 [39.22]
2-111196-2
64
1.860 [47.24]
1.795 [45.59]
1.575 [40.00]
1.550 [39.37]
.771 [19.58]
1.644 [41.76]
3-111196-2
68
1.960 [49.78]
1.895 [48.13]
1.675 [42.55]
1.650 [41.91]
.821 [20.85]
1.744 [44.30]
3-111196-4
72
2.060 [52.32]
1.995 [50.67]
1.775 [45.08]
1.750 [44.45]
.871 [22.12]
1.844 [46.84]
2-111196-3
80
2.260 [57.40]
2.195 [55.75]
1.975 [50.17]
1.950 [49.53]
.971 [24.66]
2.044 [51.92]
3-111196-3
100
2.760 [70.10]
2.695 [68.45]
2.475 [62.87]
2.450 [62.23]
1.221 [31.01]
2.544 [64.62]
2-111196-4


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com